Electronic Components Datasheet Search
  English  ▼

X  

HT9252 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT9252
Description  Low Voltage Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9252 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT9252 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Rev. 1.00
10
December 14, 2012
HT9251/HT9252/HT9254
14-pin DIP (300mil) Outline Dimensions
"
&

%
)
*
+
,
-
.
/
0
1
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.745
―
0.775
B
0.240
―
0.260
C
0.125
―
0.135
D
0.125
―
0.145
E
0.016
―
0.020
F
0.050
―
0.070
G
―
0.110
―
H
0.295
―
0.315
I
―
0.375
―
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
18.92
―
19.69
B
6.10
―
6.60
C
3.18
―
3.43
D
3.18
―
3.68
E
0.41
―
0.51
F
1.27
―
1.78
G
―
2.54
―
H
7.49
―
8.00
I
―
9.53
―



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com