Electronic Components Datasheet Search
  English  ▼

X  

ADS5277IPFP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5277IPFP
Description  8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5277IPFP Datasheet(HTML) 1 Page - Texas Instruments

  ADS5277IPFP Datasheet HTML 1Page - Texas Instruments ADS5277IPFP Datasheet HTML 2Page - Texas Instruments ADS5277IPFP Datasheet HTML 3Page - Texas Instruments ADS5277IPFP Datasheet HTML 4Page - Texas Instruments ADS5277IPFP Datasheet HTML 5Page - Texas Instruments ADS5277IPFP Datasheet HTML 6Page - Texas Instruments ADS5277IPFP Datasheet HTML 7Page - Texas Instruments ADS5277IPFP Datasheet HTML 8Page - Texas Instruments ADS5277IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
10−Bit
ADC
PLL
S/H
Serializer
1x ADCLK
6x ADCLK
IN1
P
ADCLK
IN1
N
OUT1P
OUT1N
10−Bit
ADC
S/H
Serializer
IN2
P
IN2
N
OUT2
P
OUT2
N
10−Bit
ADC
S/H
Serializer
IN3
P
IN3
N
OUT3
P
OUT3
N
LCLK
P
LCLK
N
ADCLK
P
ADCLK
N
12x ADCLK
10−Bit
ADC
S/H
Serializer
IN4P
IN4N
OUT4
P
OUT4
N
10−Bit
ADC
S/H
Serializer
IN5
P
IN5N
OUT5P
OUT5N
10−Bit
ADC
S/H
Serializer
IN6
P
IN6
N
OUT6
P
OUT6N
10−Bit
ADC
S/H
Serializer
IN7
P
IN7
N
OUT7
P
OUT7
N
10−Bit
ADC
S/H
Serializer
Reference
IN8
P
IN8
N
INT/EXT
OUT8
P
OUT8
N
Registers
Control
ADS5277
www.ti.com............................................................................................................................................ SBAS333D – FEBRUARY 2005 – REVISED JANUARY 2009
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
with Serial LVDS Interface
An integrated phase lock loop (PLL) multiplies the
incoming ADC sampling clock by a factor of 12. This
23
• Maximum Sample Rate: 65MSPS
high-frequency clock is used in the data serialization
• 10-Bit Resolution
and transmission process. The word output of each
internal ADC is serialized and transmitted either MSB
• No Missing Codes
or LSB first. The word consists of 12 bits, of which
• Total Power Dissipation:
the 2 LSBs are zeroes and the remaining 10 bits
Internal Reference: 911mW
correspond to the output from the ADC. This
External Reference: 845mW
formatting is done in order to keep the interface
• CMOS Technology
compatible with the 12-bit parts of the family. In
addition to the eight data outputs, a bit clock and a
• Simultaneous Sample-and-Hold
word clock are also transmitted. The bit clock is at 6x
• 61.7dBFS SNR at 5MHz IF
the speed of the sampling clock, whereas the word
• 3.3V Digital/Analog Supply
clock is at the same speed of the sampling clock.
• Serialized LVDS Outputs
The ADS5277 provides internal references, or can
• Integrated Frame and Bit Patterns
optionally be driven with external references. Best
performance
is
achieved
through
the
internal
• Option to Double LVDS Clock Output Currents
reference mode.
• Four Current Modes for LVDS
The ADS5277 is available in a PowerPAD TQFP-80
• Pin- and Format-Compatible Family
package and is specified over a –40°C to +85°C
• TQFP-80 PowerPAD™ Package
operating range.
• Portable Ultrasound Systems
• Tape Drives
• Test Equipment
The
ADS5277
is
a
high-performance,
CMOS,
65MSPS,
8-channel
analog-to-digital
converter
(ADC). Internal references are provided, simplifying
system design requirements. Low power consumption
allows for the highest of system integration densities.
Serial
LVDS
(low-voltage
differential
signaling)
outputs reduce the number of interface lines and
package size.
RELATED PRODUCTS
RESOLUTION
SAMPLE RATE
MODEL
(BITS)
(MSPS)
CHANNELS
ADS5270
12
40
8
ADS5271
12
50
8
ADS5272
12
65
8
ADS5273
12
70
8
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5277IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5277IPFP TI1-ADS5277IPFP Datasheet
1Mb / 33P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5277IPFP TI2-ADS5277IPFP Datasheet
1Mb / 33P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
REVISED JANUARY 2009
ADS5277IPFP.A TI2-ADS5277IPFP.A Datasheet
1Mb / 33P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
REVISED JANUARY 2009
ADS5277IPFPG4 TI1-ADS5277IPFPG4 Datasheet
1Mb / 33P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5277IPFPT TI1-ADS5277IPFPT Datasheet
1Mb / 33P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5277IPFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 TI1-ADS5271_14 Datasheet
1Mb / 32P
8-Channel, 12-Bit, 50MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS8410 TI1-ADS8410 Datasheet
1,005Kb / 40P
16-BIT, 2-MSPS, LVDS SERIAL INTERFACE, SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com