Electronic Components Datasheet Search
  English  ▼

X  

ADS5277IPFP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5277IPFP
Description  8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5277IPFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5277IPFP Datasheet HTML 15Page - Texas Instruments ADS5277IPFP Datasheet HTML 16Page - Texas Instruments ADS5277IPFP Datasheet HTML 17Page - Texas Instruments ADS5277IPFP Datasheet HTML 18Page - Texas Instruments ADS5277IPFP Datasheet HTML 19Page - Texas Instruments ADS5277IPFP Datasheet HTML 20Page - Texas Instruments ADS5277IPFP Datasheet HTML 21Page - Texas Instruments ADS5277IPFP Datasheet HTML 22Page - Texas Instruments ADS5277IPFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Temperature (
_C)
975
950
925
900
875
850
825
−40
+85
−15
+10
+35
+60
Temperature (
_C)
65
64
63
62
61
60
59
58
−40
+85
−15
+10
+35
+60
Temperature (
_C)
65
64
63
62
61
60
59
58
−40
+85
−15
+10
+35
+60
ADS5277
www.ti.com............................................................................................................................................ SBAS333D – FEBRUARY 2005 – REVISED JANUARY 2009
TYPICAL CHARACTERISTICS (continued)
TMIN = –40C and TMAX = +85C. Typical values are at TA = +25C, sampling rate = 65MSPS, 50% clock duty cycle,
AVDD = 3.3V, LVDD = 3.3V, –1dBFS, ISET = 56.2kΩ, internal voltage reference, LVDS buffer current at 3.5mA per channel,
16kFFT, and 8 averages, unless otherwise noted.
TOTAL POWER vs TEMPERATURE
SNR vs TEMPERATURE
Figure 31.
Figure 32.
SINAD vs TEMPERATURE
Figure 33.
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS5277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com