Electronic Components Datasheet Search
  English  ▼

X  

ADS5277IPFP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5277IPFP
Description  8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5277IPFP Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5277IPFP Datasheet HTML 20Page - Texas Instruments ADS5277IPFP Datasheet HTML 21Page - Texas Instruments ADS5277IPFP Datasheet HTML 22Page - Texas Instruments ADS5277IPFP Datasheet HTML 23Page - Texas Instruments ADS5277IPFP Datasheet HTML 24Page - Texas Instruments ADS5277IPFP Datasheet HTML 25Page - Texas Instruments ADS5277IPFP Datasheet HTML 26Page - Texas Instruments ADS5277IPFP Datasheet HTML 27Page - Texas Instruments ADS5277IPFP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
RESET
POWER-DOWN MODE
LAYOUT OF PCB WITH PowerPAD
CONNECTING HIGH-SPEED,
ADS5277
SBAS333D – FEBRUARY 2005 – REVISED JANUARY 2009............................................................................................................................................ www.ti.com
It is recommended that the isolation be maintained
onboard by using separate supplies to drive AVDD
After the supplies have stabilized, it is required to
and LVDD, as well as separate ground planes for
give the device an active RESET pulse. This results
AVSS and LVSS.
in all internal registers resetting to their default value
The use of LVDS buffers reduces the injected noise
of 0 (inactive). Without a reset, it is possible that
considerably, compared to CMOS buffers. Also, the
some registers may be in their non-default state on
low output swing, as well as the differential nature of
power-up. This may cause the device to malfunction.
the LVDS buffer, results in low-noise coupling.
When a reset is active, the device outputs ‘0’ code on
all channels. However, the LVDS output clocks are
unaffected by reset.
The ADS5277 has a power-down pin, referred to as
PD. Pulling PD high causes the device to enter the
THERMALLY-ENHANCED PACKAGES
power-down mode. In this mode, the reference and
clock circuitry as well as all the channels are powered
The ADS5277 is housed in an 80-lead PowerPAD
down and device power consumption drops to less
thermally-enhanced package. To make optimum use
than 100mW. In power-down mode, the internal
of
the
thermal
efficiencies
designed
into
the
buffers driving REFT and REFB are tri-stated and their
PowerPAD package, the printed circuit board (PCB)
outputs are forced to a voltage roughly equal to half
must be designed with this technology in mind.
of the voltage on AVDD. Speed of recovery from
Please
refer
to
PowerPAD
brief
SLMA004,
power-down mode depends on the value of the
PowerPAD Made Easy (available for download at
external capacitance on the REFT and REFB pins. For
www.ti.com),
which
addresses
the
specific
capacitances on REFT and REFB less than 1µF, the
considerations
required
when
integrating
a
reference voltages settle to within 1% of their steady
PowerPAD package into a PCB design. For more
state values in less than 500
µs. Individual channels
detailed information, including thermal modeling and
can
also
be
selectively
powered
down
by
repair
procedures,
please
see
technical
brief
programming registers.
SLMA002, PowerPAD Thermally-Enhanced Package
(www.ti.com).
The ADS5277 also has an internal circuit that
monitors the state of stopped clocks. If ADCLK is
Interfacing High-Speed LVDS Outputs (SBOA104),
stopped for longer than 300ns (or if it runs at a speed
an application report discussing the design of a
less than 3MHz), this monitoring circuit generates a
simple deserializer that can deserialize LVDS outputs
logic signal
that
puts
the
device
in
a
partial
up to 840Mbps, can also be found on the TI web site
power-down
state.
As
a
result,
the
power
(www.ti.com).
consumption of the device is reduced when ADCLK is
stopped.
The
recovery
from
such
a
partial
power-down takes
approximately
100
µs; this is
MULTI-CHANNEL ADCs TO XILINX FPGAs
described in Table 2.
A separate application note (XAPP774) describing
how to connect TI's high-speed, multi-channel ADCs
with serial LVDS outputs to Xilinx FPGAs can be
downloaded
directly
from
the
Xilinx
web
site
(http://www.xilinx.com).
Table 2. Time Constraints Associated with Device Recovery from Power-Down and Clock Stoppage
DESCRIPTION
TYP
REMARKS
Recovery from power-down mode (PD = 1 to PD = 0).
500
µs
Capacitors on REFT and REFB less than 1µF.
Recovery from momentary clock stoppage ( < 300ns).
10
µs
Recovery from extended clock stoppage ( > 300ns).
100
µs
24
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5277



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com