Electronic Components Datasheet Search
  English  ▼

X  

LM3671 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3671
Description  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671 Datasheet(HTML) 2 Page - Texas Instruments

  LM3671 Datasheet HTML 1Page - Texas Instruments LM3671 Datasheet HTML 2Page - Texas Instruments LM3671 Datasheet HTML 3Page - Texas Instruments LM3671 Datasheet HTML 4Page - Texas Instruments LM3671 Datasheet HTML 5Page - Texas Instruments LM3671 Datasheet HTML 6Page - Texas Instruments LM3671 Datasheet HTML 7Page - Texas Instruments LM3671 Datasheet HTML 8Page - Texas Instruments LM3671 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
A3
Top View
Bottom View
A1
C1
A3
C3
EN
FB
SW
GND
VIN
EN
GND
SW
FB
B2
VIN
A1
C3
C1
B2
VIN
1
GND
2
EN
3
FB
4
SW
5
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 2.2 PH
VOUT
COUT
10 PF
CIN
4.7 PF
LM3671-
ADJ
VIN
2.7V to 5.5V
R1
R2
C1
C2
LM3671
LM3671Q
SNVS294P – NOVEMBER 2004 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM3671 is available in SOT-23, tiny 5-bump DSBGA and a 6-pin USON packages in leaded (PB) and lead-
free (NO PB) versions. A high-switching frequency of 2 MHz (typ.) allows use of tiny surface-mount components.
Only three external surface-mount components, an inductor and two ceramic capacitors, are required.
Figure 2. Typical Application Circuit for ADJ version
Connection Diagrams
Figure 3. Top View
SOT-23 Package
See Package Number DBV (2.92 mm x 2.84 mm x 1.2 mm)
Figure 4. 5-Bump DSBGA Package
See Package Number YZR0005 (1.05 mm x 1.38 mm x 0.6 mm)
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3671 LM3671Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com