Electronic Components Datasheet Search
  English  ▼

X  

LM3671 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3671
Description  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3671 Datasheet HTML 17Page - Texas Instruments LM3671 Datasheet HTML 18Page - Texas Instruments LM3671 Datasheet HTML 19Page - Texas Instruments LM3671 Datasheet HTML 20Page - Texas Instruments LM3671 Datasheet HTML 21Page - Texas Instruments LM3671 Datasheet HTML 22Page - Texas Instruments LM3671 Datasheet HTML 23Page - Texas Instruments LM3671 Datasheet HTML 24Page - Texas Instruments LM3671 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
V
PP-RMS
=
V
PP-C
2 + V
PP-ESR
2
VPP-C =
4*f*C
IRIPPLE
LM3671
LM3671Q
www.ti.com
SNVS294P – NOVEMBER 2004 – REVISED MAY 2013
Table 2. Suggested Inductors and Their Suppliers
Model
Vendor
Dimensions LxWxH(mm)
D.C.R (max)
DO3314-222MX
Coilcraft
3.3 x 3.3 x 1.4
200 m
Ω
LPO3310-222MX
Coilcraft
3.3 x 3.3 x 1.0
150 m
Ω
ELL5GM2R2N
Panasonic
5.2 x 5.2 x 1.5
53 m
Ω
CDRH2D14NP-2R2NC
Sumida
3.2 x 3.2 x 1.55
94 m
Ω
OUTPUT CAPACITOR SELECTION
A ceramic output capacitor of 10 µF, 6.3V is sufficient for most applications. Use X7R or X5R types; do not use
Y5V. DC bias characteristics of ceramic capacitors must be considered when selecting case sizes like 0805 and
0603. DC bias characteristics vary from manufacturer to manufacturer and dc bias curves should be requested
from them as part of the capacitor selection process.
The minimum output capacitance to specify good performance is 5.75 µF at 1.8V dc bias including
tolerances and over ambient temperature range. The output filter capacitor smoothes out current flow from
the inductor to the load, helps maintain a steady output voltage during transient load changes and reduces
output voltage ripple. These capacitors must be selected with sufficient capacitance and sufficiently low ESR to
perform these functions.
The output voltage ripple is caused by the charging and discharging of the output capacitor and by the RESR and
can be calculated as:
Voltage peak-to-peak ripple due to capacitance can be expressed as follow:
(9)
Voltage peak-to-peak ripple due to ESR can be expressed as follow:
VPP-ESR = (2 * IRIPPLE) * RESR
Because these two components are out of phase the rms (root mean squared) value can be used to get an
approximate value of peak-to-peak ripple.
The peak-to-peak ripple voltage, rms value can be expressed as follow:
(10)
Note that the output voltage ripple is dependent on the inductor current ripple and the equivalent series
resistance of the output capacitor (RESR).
The RESR is frequency dependent (as well as temperature dependent); make sure the value used for calculations
is at the switching frequency of the part.
Table 3. Suggested Capacitors and Their Suppliers
Case Size
Model
Type
Vendor
Voltage Rating
Inch (mm)
4.7 µF for CIN
C2012X5R0J475K
Ceramic, X5R
TDK
6.3V
0805 (2012)
JMK212BJ475K
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
GRM21BR60J475K
Ceramic, X5R
Murata
6.3V
0805 (2012)
C1608X5R0J475K
Ceramic, X5R
TDK
6.3V
0603 (1608)
10 µF for COUT
GRM21BR60J106K
Ceramic, X5R
Murata
6.3V
0805 (2012)
JMK212BJ106K
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
C2012X5R0J106K
Ceramic, X5R
TDK
6.3V
0805 (2012)
C1608X5R0J106K
Ceramic, X5R
TDK
6.3V
0603 (1608)
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3671 LM3671Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com