Electronic Components Datasheet Search
  English  ▼

X  

LM3671 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3671
Description  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3671 Datasheet HTML 9Page - Texas Instruments LM3671 Datasheet HTML 10Page - Texas Instruments LM3671 Datasheet HTML 11Page - Texas Instruments LM3671 Datasheet HTML 12Page - Texas Instruments LM3671 Datasheet HTML 13Page - Texas Instruments LM3671 Datasheet HTML 14Page - Texas Instruments LM3671 Datasheet HTML 15Page - Texas Instruments LM3671 Datasheet HTML 16Page - Texas Instruments LM3671 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
VOUT
TIME (100 Ps/DIV)
EN
VSW
2V/DIV
500 mA/DIV
VIN = 3.6V
VOUT = 1.5V
2V/DIV
IOUT = 300 mA
IL
1V/DIV
LM3671
LM3671Q
www.ti.com
SNVS294P – NOVEMBER 2004 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
LM3671MF/TL/LC, Circuit of Figure 1, VIN= 3.6V, VOUT= 1.5V, TA= 25°C, unless otherwise noted.
Mode Change by Load Transients
Mode Change by Load Transients
VOUT = 1.5V (PFM to PWM)
VOUT = 1.5V (PWM to PFM)
Figure 31.
Figure 32.
Mode Change by Load Transients
Mode Change by Load Transients
VOUT = 2.5V (PFM to PWM)
VOUT = 2.5V (PWM to PFM)
Figure 33.
Figure 34.
Start Up into PWM Mode
Start Up into PWM Mode
VOUT = 1.5V (Output Current= 300 mA)
VOUT = 2.5V (Output Current= 300 mA)
Figure 35.
Figure 36.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3671 LM3671Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com