Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0721
Description  40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0721 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0721 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Optical Isolation for Field Bus Networks
To recognize the full benefits of these networks, Avago
optocouplers are recommended to provide galvanic iso-
lation. As network communication is bi-directional (in-
volving receiving data from and transmitting data onto
the network), two Avago optocouplers are needed. By
providing galvanic isolation, data integrity is retained
via noise reduction and the elimination of false signals.
In addition, the network receives maximum protection
from power system faults and ground loops.
Within an isolated node, such as the DeviceNet Node
shown in Figure 16, some of the node’s components are
referenced to a ground other than V- of the network.
Figure 16. Typical DeviceNet Node
These components could include such things as devices
with serial ports, parallel ports, RS-232 and RS-485 type
ports. As shown in Figure 16, power from the network is
used only for the transceiver and input (network) side of
the optocouplers.
Isolation of nodes connected to any of the three types of
digital field bus networks is best achieved by using the
HCPL-772X/072X optocouplers. For each network, the
HCPL-772X/072X satisify the critical propagation delay
and pulse width distortion requirements over the tem-
perature range of 0 °C to +85 °C, and power supply volt-
age range of 4.5 V to 5.5V.
NODE/APP SPECIFIC
µP/CAN
HCPL
772x/072x
HCPL
772x/072x
TRANSCEIVER
LOCAL
NODE
SUPPLY
5 V REG.
NETWORK
POWER
SUPPLY
V+ (SIGNAL)
V– (SIGNAL)
V+ (POWER)
V– (POWER)
GALVANIC
ISOLATION
BOUNDARY
AC LINE
DRAIN/SHIELD
SIGNAL
POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com