Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 16 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0721
Description  40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0721 Datasheet(HTML) 16 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0721 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
Figure 20. Isolated node providing power to the network.
Isolated Node Providing Power to the Network
Figure 20 shows a node providing power to the network.
The AC line powers a regulator which provides 5 V local-
ly. The AC line also powers a 24 V isolated supply, which
powers the network, and another 5 V regulator, which, in
turn, powers the transceiver and isolated (network) side
of the two optocouplers. This method is recommended
when there is a limited number of devices on the net-
work, which do not require much power, thus eliminat-
ing the need for separate power supplies.
Figure 19. Isolated node with transceiver powered by the network.
More importantly, the unique “dual-inverting” design of
the HCPL-772X/072X ensure the network will not “lock-
up”if either AC line power to the node is lost or the node
powered-off. Specifically, when input power (VDD1) to the
HCPL-772X/072X located in the transmit path is eliminat-
ed, a RECESSIVE bus state is ensured as the HCPL-772X/
072X output voltage (VO) go HIGH.
NODE/APP SPECIFIC
µP/CAN
HCPL
772x/072x
HCPL
772x/072x
TRANSCEIVER
5 V REG.
V+ (SIGNAL)
V– (SIGNAL)
V+ (POWER)
V– (POWER)
GALVANIC
ISOLATION
BOUNDARY
AC LINE
DRAIN/SHIELD
SIGNAL
POWER
ISOLATED
SWITCHING
POWER
SUPPLY
5 V REG.
DeviceNet Node
NODE/APP SPECIFIC
µP/CAN
HCPL
772x/072x
HCPL
772x/072x
TRANSCEIVER
NON ISO
5 V
REG.
NETWORK
POWER
SUPPLY
V+ (SIGNAL)
V– (SIGNAL)
V+ (POWER)
V– (POWER)
GALVANIC
ISOLATION
BOUNDARY
AC LINE
DRAIN/SHIELD
SIGNAL
POWER
*HCPL
772x/072x
* OPTIONAL FOR BUS V + SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com