Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0721 Datasheet(PDF) 18 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0721
Description  40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0721 Datasheet(HTML) 18 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0721 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-0721 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2013 Avago Technologies. All rights reserved. Obsoletes AV01-0565EN
AV02-0876EN - April 5, 2013
Power Supplies and Bypassing
The recommended PROFIBUS application circuit is
shown in Figure 23. Since the HCPL-772X/072X are fully
compatible with CMOS logic level signals, the optocoup-
ler is connected directly to the transceiver. Two bypass
capacitors (with values between 0.01 and 0.1
µF) are
required and should be located as close as possible to
the input and output power-supply pins of the HCPL-
772X/072X. For each capacitor, the total lead length be-
tween both ends of the capacitor and the power supply
pins should not exceed 20 mm. The bypass capacitors
are required because of the high-speed digital nature of
the signals inside the optocoupler.
Being very similar to multi-station RS485 systems, the
HCPL-061N optocoupler provides a transmit disable
function which is necessary to make the bus free after
each master/slave transmission cycle. Specifically, the
HCPL-061N disables the transmitter of the line driver by
putting it into a high state mode. In addition, the HCPL-
061N switches the RX/TX driver IC into the listen mode.
The HCPL-061N offers HCMOS compatibility and the
high CMR performance (1 kV/
µs at VCM = 1000 V) es-
sential in industrial communication interfaces.
Figure 23. Recommended PROFIBUS application circuit
1
2
3
8
6
4
7
5
VDD2
VO
GND2
VDD1
VIN
GND1
HCPL-772x
HCPL-072x
8
7
6
1
3
5
2
4
VDD1
VIN
GND1
VDD2
VO
GND2
HCPL-772x
HCPL-072x
5 V
0.01
µF
0.01
µF
0.01
µF
0.01
µF
R
A
SN75176B
VCC
GND
DE
B
0.01
µF
ISO 5 V
1 M
0.01
µF
+
–
GALVANIC
ISOLATION
BOUNDARY
5 V
ISO 5 V
RE
D
1
4
3
2
Rx
ISO 5 V
Tx
8
7
6
1
3
5
2
4
ANODE
VCC
VO
GND
5 V
0.01
µF
ISO 5 V
Tx ENABLE
CATHODE
VE
680
Ω
HCPL-061N
1, 0 k
Ω
5
7
6
8
RT
SHIELD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com