Electronic Components Datasheet Search
  English  ▼

X  

UCD7201PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7201PWPR
Description  Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201PWPR Datasheet(HTML) 3 Page - Texas Instruments

  UCD7201PWPR Datasheet HTML 1Page - Texas Instruments UCD7201PWPR Datasheet HTML 2Page - Texas Instruments UCD7201PWPR Datasheet HTML 3Page - Texas Instruments UCD7201PWPR Datasheet HTML 4Page - Texas Instruments UCD7201PWPR Datasheet HTML 5Page - Texas Instruments UCD7201PWPR Datasheet HTML 6Page - Texas Instruments UCD7201PWPR Datasheet HTML 7Page - Texas Instruments UCD7201PWPR Datasheet HTML 8Page - Texas Instruments UCD7201PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
UCD7201
www.ti.com
SLUS645E – FEBRUARY 2005 – REVISED NOVEMBER 2009
ABSOLUTE MAXIMUM RATINGS
(1) (2)
SYMBOL
PARAMETER
UCD7201
UNIT
VDD
Supply Voltage
16
V
Quiescent
20
IDD
Supply Current
mA
Switching, TA = 25°C, , TJ = 125°C, VDD = 12 V
200
Output Gate Drive
VOUT
OUT
-1 to PVDD
V
Voltage
IOUT(sink)
4.0
Output Gate Drive
OUT
A
Current
IOUT(source)
-4.0
ISET, CS
-0.3 to 3.6
Analog Input
ILIM
-0.3 to 3.6
V
Digital I/O’s
IN, CLF
-0.3 to 3.6
Power Dissipation
TA = 25°C (PWP-14 package), TJ = 125°C
2.67
W
Junction Operating
TJ
UCD7201
-55 to 150
Temperature
°C
Tstr
Storage Temperature
-65 to 150
HBM
Human body model
2000
ESD Rating
V
CDM
Change device model
500
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
ELECTRICAL CHARACTERISTICS
VDD = 12 V, 4.7-μF capacitor from VDD to GND, 0.22μF from 3V3 to AGND, TA = TJ = -40°C to 105°C, (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
Supply current, OFF
VDD = 4.2 V
-
200
400
μA
Supply current
Outputs not switching IN = LOW
-
1.5
2.5
mA
LOW VOLTAGE UNDER-VOLTAGE LOCKOUT
VDD UVLO ON
4.25
4.5
4.75
V
VDD UVLO OFF
4.05
4.25
4.45
VDD UVLO hysteresis
150
250
350
mV
REFERENCE / EXTERNAL BIAS SUPPLY
3V3 initial set point
TA = 25°C, ILOAD = 0
3.267
3.3
3.333
V
3V3 set point over temperature
3.234
3.3
3.366
3V3 load regulation
ILOAD = 1 mA to 10 mA, VDD = 5 V
-
1
6.6
mV
3V3 line regulation
VDD = 4.75 V to 12 V, ILOAD = 10 mA
-
1
6.6
Short circuit current
VDD = 4.75 to 12 V
11
20
35
mA
3V3 OK threshold, ON
3.3 V rising
2.9
3.0
3.1
V
3V3 OK threshold, OFF
3.3 V falling
2.7
2.8
2.9
INPUT SIGNAL
HIGH, positive-going input threshold
1.65
-
2.08
voltage (VIT+)
LOW negative-going input threshold
1.16
-
1.5
V
voltage (VIT-)
Input voltage hysteresis, (VIT+ -
0.6
-
0.8
VIT-)
Frequency
-
-
2
MHz
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UCD7201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com