Electronic Components Datasheet Search
  English  ▼

X  

UCD7201PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7201PWPR
Description  Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201PWPR Datasheet(HTML) 5 Page - Texas Instruments

  UCD7201PWPR Datasheet HTML 1Page - Texas Instruments UCD7201PWPR Datasheet HTML 2Page - Texas Instruments UCD7201PWPR Datasheet HTML 3Page - Texas Instruments UCD7201PWPR Datasheet HTML 4Page - Texas Instruments UCD7201PWPR Datasheet HTML 5Page - Texas Instruments UCD7201PWPR Datasheet HTML 6Page - Texas Instruments UCD7201PWPR Datasheet HTML 7Page - Texas Instruments UCD7201PWPR Datasheet HTML 8Page - Texas Instruments UCD7201PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
3
1
4
2
5
6
7
3V3 Regulator
and Reference
UVLO
12
14
11
13
10
9
8
NC
NC
3V3
IN1
AGND
IN2
CLF
ILIM
VDD
PVDD
OUT1
OUT2
PGND
CS
+
S D
Q
Q
R
R
25 mV
VIT−
10%
90%
INPUT
OUTPUT
VIT+
tD1
tF
tF
tD2
UCD7201
www.ti.com
SLUS645E – FEBRUARY 2005 – REVISED NOVEMBER 2009
FUNCTIONAL BLOCK DIAGRAM
Figure 1. UCD7201
Timing Diagram
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCD7201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com