Electronic Components Datasheet Search
  English  ▼

X  

UCD7201PWPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7201PWPR
Description  Digital Control Compatible Dual Low-Side 짹4 Amp MOSFET Drivers with Programmable Common Current Sense
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7201PWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCD7201PWPR Datasheet HTML 8Page - Texas Instruments UCD7201PWPR Datasheet HTML 9Page - Texas Instruments UCD7201PWPR Datasheet HTML 10Page - Texas Instruments UCD7201PWPR Datasheet HTML 11Page - Texas Instruments UCD7201PWPR Datasheet HTML 12Page - Texas Instruments UCD7201PWPR Datasheet HTML 13Page - Texas Instruments UCD7201PWPR Datasheet HTML 14Page - Texas Instruments UCD7201PWPR Datasheet HTML 15Page - Texas Instruments UCD7201PWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
0
40
80
120
160
200
240
280
320
0
500
1000
1500
f − Frequency − kHz
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
0
40
80
120
160
200
240
280
0
500
1000
1500
f − Frequency − kHz
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
0
50
100
150
200
250
300
350
400
450
500
0
500
1000
1500
f − Frequency − kHz
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
0
50
100
150
200
250
300
350
400
0
500
1000
1500
f − Frequency − kHz
CLOAD = 10 nF
CLOAD = 4.7 nF
CLOAD = 2.2 nF
CLOAD = 1 nF
UCD7201
SLUS645E – FEBRUARY 2005 – REVISED NOVEMBER 2009
www.ti.com
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
FREQUENCY (VDD = 8 V)
FREQUENCY (VDD = 10 V)
Figure 8.
Figure 9.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
FREQUENCY (VDD = 12 V)
FREQUENCY (VDD = 15 V)
Figure 10.
Figure 11.
12
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): UCD7201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com