Electronic Components Datasheet Search
  English  ▼

X  

MAX11206EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11206EEE
Description  MAX11213 Evaluation Kits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11206EEE Datasheet HTML 1Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 2Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 3Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 4Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 5Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 6Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 7Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 8Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX11200/MAX11206/MAX11209/MAX11210/
MAX11213 Evaluation Kits
General Description
The MAX11200, MAX11206, MAX11209, MAX11210,
and MAX11213 evaluation kits (EV kits) consist of
one MAX11200, MAX11206, MAX11209, MAX11210,
or MAX11213 evaluation board and software. The EV
kits are fully assembled and tested circuit boards that
evaluate the MAX11200 family of ultra-low-power, high-
resolution, serial output ADCs.
The EV kits include Windows XPM-, Windows VistaM-,
and WindowsM 7-compatible software that provides a
graphical user interface (GUI) for exercising the features
of the MAX11200 family of data converters. The EV kits are
connected to a PC through a USB A-to-B cable.
Features
S
Windows XP-, Windows Vista-, and Windows
7-Compatible Software
S
USB-PC Connection (Cable Included)
S
USB Powered (No External Power Supply
Required)
S
On-Board Isolated Power Supplies Rejecting
Power Line Noise
S
On-Board Optocouplers Isolating ADC from Other
Circuitry
S
Real-Time Data Acquisition through USB
S
Proven PCB Layout
Ordering Information
Windows, Windows XP, and Windows Vista are registered
trademarks of Microsoft Corp.
Component List
Selector Guide
19-5509; Rev 0; 9/10
+Denotes lead(Pb)-free and RoHS compliant.
PART
TYPE
MAX11200EVKIT+
EV Kit
MAX11206EVKIT+
EV Kit
MAX11209EVKIT+
EV Kit
MAX11210EVKIT+
EV Kit
MAX11213EVKIT+
EV Kit
PART
RESOLUTION
PROGRAMMABLE
GAIN
MAX11200EEE+
24
N/A
MAX11206EEE+
20
1–128
MAX11209EEE+
18
1–128
MAX11210EEE+
24
1–16
MAX11213EEE+
16
1–128
DESIGNATION
QTY
DESCRIPTION
C1
1
10FF Q20%, 6.3V X5R ceramic
capacitor (0603)
Murata GRM188R60J106M
C2
1
0.01FF Q10%, 16V X7R ceramic
capacitor (0603)
Murata GRM188R71C 103K
C3–C10, C13,
C14, C15, C17,
C18, C33
14
0.1FF Q10%, 25V X7R ceramic
capacitors (0603)
Murata GRM188R71E104K
C11, C12
2
1000pF Q10%, 50V X7R ceramic
capacitors (0603)
Murata GRM188R71H102K
C16, C19, C20,
C29–C32
7
4.7FF Q10%, 10V X5R ceramic
capacitors (0805)
Murata GRM219R61A475K
DESIGNATION
QTY
DESCRIPTION
C21, C24, C25,
C28
4
1FF Q10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C105K
C22, C23, C26,
C27
4
18pF Q5%, 50V C0G ceramic
capacitors (0603)
Murata GRM1885C1H180J
C34–C37
0
Not installed, ceramic capacitors
(0805)
D1–D4
4
30V, 1A Schottky diodes
(SOD123)
D5
1
15V zener diode (DO35)
D6
1
Green LED (0603)
D7
1
Red LED (0603)
FB1
1
120 at 100MHz, 200mA ferrite
bead (0603)
Murata BLM18RK121SN1


Similar Part No. - MAX11206EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11206EEE+ MAXIM-MAX11206EEE+ Datasheet
1Mb / 27P
20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
Rev 0; 8/10
MAX11206EEE+ MAXIM-MAX11206EEE+ Datasheet
1Mb / 19P
On-Board Isolated Power Supplies Rejecting Power Line Noise
Rev 0; 9/10
MAX11206EEE+ MAXIM-MAX11206EEE+ Datasheet
2Mb / 27P
20-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
More results

Similar Description - MAX11206EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
Evaluation Kits
Rev 0; 7/04
MAX2643EVKIT MAXIM-MAX2643EVKIT Datasheet
135Kb / 4P
Evaluation Kits
Rev 0; 4/00
MAX2118EVKIT MAXIM-MAX2118EVKIT Datasheet
402Kb / 7P
MAX2116 Evaluation Kits
Rev 0; 7/02
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
Evaluation Kits
Rev 2; 5/01
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
Evaluation Kits
Rev 1; 5/01
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
Evaluation Kits
Rev 2; 1/98
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
Evaluation Kits
Rev 0; 2/09
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
Evaluation Kits
Rev 4; 3/21
MAX32650-EVKIT MAXIM-MAX32650-EVKIT Datasheet
1Mb / 16P
Evaluation Kits
Rev 8; 4/21
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
EVALUATION/DEVELOPMENT KITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com