Electronic Components Datasheet Search
  English  ▼

X  

MAX11206EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11206EEE
Description  MAX11213 Evaluation Kits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11206EEE Datasheet HTML 1Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 2Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 3Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 4Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 5Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 6Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 7Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 8Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MAX11200/MAX11206/MAX11209/MAX11210/
MAX11213 Evaluation Kits
_______________________________________________________________________________________ 3
Note: Indicate that you are using the MAX11200, MAX11206, MAX11209, MAX11210, or MAX11213 when contacting these
component suppliers.
Component Suppliers
MAX11200/MAX11206/MAX11209/MAX11210/MAX11213 EV Kit Files
EV Kit-Specific Component List
Quick Start
Recommended Equipment
•
MAX11200,MAX11206,MAX11209,MAX11210,or
MAX11213 EV kit (USB A-to-B cable included)
•
WindowsXP,WindowsVista,orWindows7PCwith
a spare USB port
•
High-precisiondigitalvoltmeter(DVM)
Refer to the MAX11200/MAX11210, MAX11203/
MAX11213, MAX11206/MAX11207, and MAX11209/
MAX11211 IC data sheets while using this EV kit for
detailed descriptions of the device features.
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and under-
lined refers to items from the Windows operating system.
Procedure
The EV kits are fully assembled and tested. Follow
the steps below to verify board operation before
exercising the full features of the MAX11200 family of data
converters:
1)
Verify that all the jumpers are set in their default
positions (see Table 3).
2)
Visit www.maxim-ic.com/evkitsoftware to down-
load the latest version of the EV kit software,
11200_06_09_10_13Rxx.ZIP.
3)
Install the evaluation software on your computer
by running the INSTALL.EXE program. The pro-
gram files are copied and icons are created in the
Windows Start | Programs menu.
4)
Connect the USB cable from the PC to the EV kit
board.
PART
DESIGNATION
DESCRIPTION
MAX11200EVKIT+
U1
24-bit single-channel ADC (16 QSOP)
Maxim MAX11200EEE+
MAX11206EVKIT+
20-bit single-channel ADC (16 QSOP)
Maxim MAX11206EEE+
MAX11209EVKIT+
18-bit single-channel ADC (16 QSOP)
Maxim MAX11209EEE+
MAX11210EVKIT+
24-bit single-channel ADC (16 QSOP)
Maxim MAX11210EEE+
MAX11213EVKIT+
16-bit single-channel ADC (16 QSOP)
Maxim MAX11213EEE+
SUPPLIER
PHONE
WEBSITE
HALO Electronics, Inc.
650-903-3800
www.haloelectronics.com
Hong Kong X’tals Ltd.
852-35112388
www.hongkongcrystal.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your computer
11200_06_09_10_13.EXE
Application program
UNINST.INI
Uninstalls the EV kit software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com