Electronic Components Datasheet Search
  English  ▼

X  

MAX11206EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11206EEE
Description  MAX11213 Evaluation Kits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11206EEE Datasheet HTML 1Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 2Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 3Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 4Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 5Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 6Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 7Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 8Page - Maxim Integrated Products MAX11206EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MAX11200/MAX11206/MAX11209/MAX11210/
MAX11213 Evaluation Kits
2 ______________________________________________________________________________________
Component List (continued)
*EP = Exposed pad.
µMAX is a registered trademark of Maxim Integrated Products,
Inc.
DESIGNATION
QTY
DESCRIPTION
J1
1
12-position terminal block
J2
1
BNC PC-mount connector
J3
1
USB type-B right-angle
receptacle
J4
0
Not installed, 10-pin (2 x 5)
header
JU1
1
4-pin header
JU2–JU5
4
3-pin headers
JU6, JU7, JU10
3
2-pin headers
JU8, JU9
2
12-pin (2 x 6) headers
R1
1
100I Q5% resistor (0603)
R2, R3, R4
3
180I Q5% resistors (0603)
R5–R8
4
330I Q5% resistors (0603)
R9
1
47kI Q5% resistor (0603)
R10, R14
2
360I Q5% resistors (0603)
R11, R12
2
33.2I Q1% resistors (0603)
R13
1
10kI Q5% resistor (0603)
R15
1
10.5kI Q1% resistor (0603)
R16
1
6.49kI Q1% resistor (0603)
R17
1
100kI Q5% resistor (0603)
R18, R19
2
10kI Q1% resistors (0603)
R20–R23
4
0I Q5% resistors (0603)
T1
1
198FH, 3W, 1:1:2.6:2.6-turn
400kHz transformer
HALO Electronics TGM-H281NF
TP1, TP3
2
Red multipurpose test points
TP2, TP4
2
Black multipurpose test points
TP5–TP13
9
Orange miniature test points
U1
1
See the EV Kit-Specific
Component List
U2
1
4:1 analog multiplexer
(16 TSSOP)
Maxim MAX4782EUE+
U3
1
High-precision, low-noise voltage
reference (8 FMAXM)
Maxim MAX6126A30+
DESIGNATION
QTY
DESCRIPTION
U4, U5, U6
3
High-speed optocouplers (8 DIP)
U7
1
H-bridge driver (8 SO-EP*)
Maxim MAX256ASA+
U8
1
Linear regulator (8 SO)
Maxim MAX1659ESA+
U9
1
Linear regulator (8 SO)
Maxim MAX1658ESA+
U10
1
USB peripheral controller
(24 TQFN-EP*)
Maxim MAX3420EETG+
U11
1
Microcontroller (68 QFN-EP*)
Maxim MAXQ2000-RAX+
U12
1
2.5V LDO regulator (5 SC70)
Maxim MAX8511EXK25+
U13
1
Adjustable LDO regulator
(6 SOT23)
Maxim MAX8880EUT+
Y1
1
2.4576MHz clock oscillator
Hong Kong X’tals
C4L24576NSMI02601-0
Y2
1
2.048MHz clock oscillator
Hong Kong X’tals
C4L20480NSMI02601-0
Y3
1
12MHz crystal
Hong Kong X’tals
SSM12000N1HK188F0-0
Y4
1
20MHz crystal
Hong Kong X’tals
SSM20000NSMI02801-0
—
1
USB high-speed A-to-B cable
—
10
Shunts
—
1
PCB: MAX11200/11206/11209/1
1210/11213 EVALUATION KIT+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com