Electronic Components Datasheet Search
  English  ▼

X  

IXTP90N15T Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXTP90N15T
Description  Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP90N15T Datasheet(HTML) 6 Page - IXYS Corporation

  IXTP90N15T Datasheet HTML 1Page - IXYS Corporation IXTP90N15T Datasheet HTML 2Page - IXYS Corporation IXTP90N15T Datasheet HTML 3Page - IXYS Corporation IXTP90N15T Datasheet HTML 4Page - IXYS Corporation IXTP90N15T Datasheet HTML 5Page - IXYS Corporation IXTP90N15T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA90N15T IXTH90N15T
IXTP90N15T IXTQ90N15T
IXYS REF: T_90N15T(5G)8-08-07-A
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
13
15
17
19
21
23
25
27
29
31
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
ID - Amperes
RG = 3.3
Ω
VGS = 10V
VDS = 75V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
0
10
20
30
40
50
60
70
80
90
100
2
4
6
8
10
12
14
16
RG - Ohms
23
24
25
26
27
28
29
30
31
32
33
t r
td(on) - - - -
TJ = 125ºC, VGS = 10V
VDS = 75V
I D = 90A
I D = 45A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
16
17
18
19
20
21
22
23
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
30
35
40
45
50
55
60
65
t f
td(off) - - - -
RG = 3.3
Ω, VGS = 10V
VDS = 75V
I D = 90A
I D = 45A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
16
17
18
19
20
21
22
20
30
40
50
60
70
80
90
ID - Amperes
30
35
40
45
50
55
60
t f
td(off) - - - -
RG = 3.3
Ω, VGS = 10V
VDS = 75V
TJ = 125ºC
TJ = 25ºC
TJ = 25ºC
TJ = 125ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
12
14
16
18
20
22
24
26
28
30
32
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 3.3
Ω
VGS = 10V
VDS = 75V
I D = 90A
I D = 45A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
0
10
20
30
40
50
60
70
80
90
2
4
6
8
10
12
14
16
RG - Ohms
20
30
40
50
60
70
80
90
100
110
t f
td(off) - - - -
TJ = 125ºC, VGS = 10V
VDS = 75V
I D = 45A, 90A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com