Electronic Components Datasheet Search
  English  ▼

X  

IXTP90N15T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP90N15T
Description  Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP90N15T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP90N15T Datasheet HTML 1Page - IXYS Corporation IXTP90N15T Datasheet HTML 2Page - IXYS Corporation IXTP90N15T Datasheet HTML 3Page - IXYS Corporation IXTP90N15T Datasheet HTML 4Page - IXYS Corporation IXTP90N15T Datasheet HTML 5Page - IXYS Corporation IXTP90N15T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2007 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
150
V
V
DGR
T
J
= 25
°C to 175°C, R
GS = 1MΩ
150
V
V
GSM
± 30
V
I
D25
T
C = 25°C *
90
A
I
LRMS
Lead Current Limit, RMS
75
A
I
DM
T
C = 25°C, pulse width limited by TJM
250
A
I
A
T
C =
25
°C4
A
E
AS
T
C =
25
°C
750
μJ
dV/dt
I
S ≤ IDM, VDD ≤ VDSS, TJ ≤ 175°C
10
V/ns
P
D
T
C = 25°C
455
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting
Torque(TO-220,TO-3P,TO-247)
1.13/10
Nm/lb.in.
F
C
Mounting
Force (TO-263)
10..65/2.2..14.6
N/lb.
Weight
TO-263
2.5
g
TO-220
3
g
TO-3P
5.5
g
G = Gate
D = Drain
S = Source
TAB = Drain
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
150
V
V
GS(th)
V
DS = VGS, ID = 1mA
2.5
4.5
V
I
GSS
V
GS = ± 20V, VDS = 0V
± 200 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 150°C
250
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
17
20 m
Ω
Trench Gate
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Features
International standard packages
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
V
DSS
= 150V
I
D25
=
90A
R
DS(on) ≤
≤≤≤≤
20m
Ω
Ω
Ω
Ω
Ω
DS99857(08/07)
IXTA90N15T
IXTH90N15T
IXTP90N15T
IXTQ90N15T
Preliminary Technical Information
TO-247
6
g
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor control
Uninterruptible power supplies
TO-220 (I
XTP)
TO-3P (IXTQ)
G
D
S
TO-247
(IXTH)
TO-263 (I
XTA)
G
S
(TAB)
(TAB)
(TAB)
(TAB)
G
D S


Similar Part No. - IXTP90N15T

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP90N15T ISC-IXTP90N15T Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP90N15T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA76N075T IXYS-IXTA76N075T Datasheet
182Kb / 5P
Preliminary Technical Information N-Channel Enhancement Mode Avalanche Rated
IXTA220N055T IXYS-IXTA220N055T Datasheet
220Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTH200N075T IXYS-IXTH200N075T Datasheet
190Kb / 5P
Preliminary Technical Information Trench Gate Power MOSFET
IXTA100N04T2 IXYS-IXTA100N04T2 Datasheet
209Kb / 6P
Preliminary Technical Information TrenchT2TM Power MOSFET
IXTA160N075T IXYS-IXTA160N075T Datasheet
179Kb / 5P
Preliminary Technical Information TrenchMVTM Power MOSFET
IXTA50N25T IXYS-IXTA50N25T Datasheet
235Kb / 6P
Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTA76N25T IXYS-IXTA76N25T Datasheet
213Kb / 6P
Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTH16P60P IXYS-IXTH16P60P Datasheet
137Kb / 5P
Preliminary Technical Information PolarPTM Power MOSFET P-Channel Enhancement Mode
IXTA260N055T2-7 IXYS-IXTA260N055T2-7 Datasheet
140Kb / 6P
Preliminary Technical Information TrenchT2TM Power MOSFET N-Channel Enhancement Mode
IXTA6N100D2 IXYS-IXTA6N100D2 Datasheet
190Kb / 5P
Preliminary Technical Information Depletion Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com