Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7145R Datasheet(PDF) 4 Page - International Rectifier

Part # AUIPS7145R
Description  CURRENT SENSE HIGH SIDE SWITCH Over temperature shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7145R Datasheet(HTML) 4 Page - International Rectifier

  AUIPS7145R Datasheet HTML 1Page - International Rectifier AUIPS7145R Datasheet HTML 2Page - International Rectifier AUIPS7145R Datasheet HTML 3Page - International Rectifier AUIPS7145R Datasheet HTML 4Page - International Rectifier AUIPS7145R Datasheet HTML 5Page - International Rectifier AUIPS7145R Datasheet HTML 6Page - International Rectifier AUIPS7145R Datasheet HTML 7Page - International Rectifier AUIPS7145R Datasheet HTML 8Page - International Rectifier AUIPS7145R Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AUIPS7145R
www.irf.com
4
Static Electrical Characteristics
Tj=-40°C..150°C, Vcc=6-50V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Vcc op.
Operating voltage
6
60
V
Rds(on)
ON state resistance Tj=25°C
75
100
m
Ids=2A
ON state resistance Tj=150°C(2)
135
180
Icc off
Supply leakage current
1
3
µA
Vin=Vcc / Vifb=Vgnd
Vout=Vgnd, Tj=25°C
Iout off
Output leakage current
1
3
I in on
Input current while on
0.6
2
4
mA
Vcc-Vin=28V, Tj=25°C
V clamp1
Vcc to Vout clamp voltage 1
60
64
V
Id=10mA
V clamp2
Vcc to Vout clamp voltage 2
60
65
72
Id=6A see fig. 2
Vih(1)
High level Input threshold voltage
3
5
Id=10mA
Vil(1)
Low level Input threshold voltage
1.5
2.3
4.7
Vf
Forward body diode voltage Tj=25°C
0.8
0.9
If=1A
Forward body diode voltage Tj=125°C
0.65
0.75
(1) Input thresholds are measured directly between the input pin and the tab.
Switching Electrical Characteristics
Vcc=28V, Resistive load=27 , Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
tdon
Turn on delay time to 20%
4
10
20
µs
See fig. 1
tr
Rise time from 20% to 80% of Vcc
2
5
10
tdoff
Turn off delay time
20
40
80
µs
tf
Fall time from 80% to 20% of Vcc
2.5
5
10
Protection Characteristics
Tj=-40°C..150°C, Vcc=6-50V (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(2)
165
°C
See fig. 3 and fig.11
Isd
Over-current shutdown
20
25
35
A
See fig. 3 and page 7
I fault
Ifb after an over-current or an over-
temperature (latched)
2.2
3
5
mA
See fig. 3
Current Sensing Characteristics
Tj=-40°C..150°C, Vcc=6-50V (unless otherwise specified). Specified 500µs after the turn on. Vcc-Vifb>4V
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Ratio
I load / Ifb current ratio
2000
2400
2800
Iout<4A
Ratio_TC
I load / Ifb variation over temperature(2)
-5%
0
+5
%
Tj=-40°C to +150°C
I offset
Load current offset
-0.02
0
0.02
A
Iout<4A
Ifb leakage
Ifb leakage current On in open load
0
1
10
µA
Iout=0A, Vcc-Vin=28V
(2) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com