Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7145R Datasheet(PDF) 1 Page - International Rectifier

Part # AUIPS7145R
Description  CURRENT SENSE HIGH SIDE SWITCH Over temperature shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7145R Datasheet(HTML) 1 Page - International Rectifier

  AUIPS7145R Datasheet HTML 1Page - International Rectifier AUIPS7145R Datasheet HTML 2Page - International Rectifier AUIPS7145R Datasheet HTML 3Page - International Rectifier AUIPS7145R Datasheet HTML 4Page - International Rectifier AUIPS7145R Datasheet HTML 5Page - International Rectifier AUIPS7145R Datasheet HTML 6Page - International Rectifier AUIPS7145R Datasheet HTML 7Page - International Rectifier AUIPS7145R Datasheet HTML 8Page - International Rectifier AUIPS7145R Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
February, 10
th 2012
Automotive grade
AUIPS7145R
www.irf.com
1
CURRENT SENSE HIGH SIDE SWITCH
Features
Suitable for 24V systems
Over current shutdown
Over temperature shutdown
Current sensing
Active clamp
Reverse circulation immunization
Low current
ESD protection
Optimized Turn On/Off for EMI
Applications
21W Filament lamp
Solenoid
24V loads for trucks
Description
The AUIPS7145R is a fully protected four terminal high
side switch specifically designed for driving lamp. It
features current sensing, over-current, over-temperature,
ESD protection and drain to source active clamp. The Ifb
pin is used for current sensing. The over-current shutdown
is higher than inrush current of the lamp.
Product Summary
Rds(on)
100m max.
Vclamp
65V
Current shutdown
20A min.
Packages
DPak
Typical Connection
Out
IPS
IN
2.5k
Vcc
Load
Battery
Input
Power
Ground
Ifb
Logic
Ground
Current feeback
10k
On
Off


Similar Part No. - AUIPS7145R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7145R IRF-AUIPS7145R Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
logo
International Rectifier
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
More results

Similar Description - AUIPS7145R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS7121R IRF-AUIPS7121R Datasheet
355Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7141R IRF-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS2041 IRF-AUIPS2041 Datasheet
528Kb / 16P
INTELLIGENT POWER LOW SIDE SWITCH Over temperature shutdown
AUIPS7125R IRF-AUIPS7125R Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS6121R IRF-AUIPS6121R_15 Datasheet
749Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7125 IRF-AUIPS7125_15 Datasheet
297Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
AUIPS7145R IRF-AUIPS7145R_15 Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS7141R INFINEON-AUIPS7141R Datasheet
345Kb / 13P
CURRENT SENSE HIGH SIDE SWITCH
August, 27th 2009
AUIPS71451G INFINEON-AUIPS71451G Datasheet
604Kb / 15P
CURRENT SENSE HIGH SIDE SWITCH
November, 14th 2011
AUIPS7145R INFINEON-AUIPS7145R Datasheet
628Kb / 16P
CURRENT SENSE HIGH SIDE SWITCH
10/02/2012 Revision C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com