Electronic Components Datasheet Search
  English  ▼

X  

AUIPS7145R Datasheet(PDF) 8 Page - International Rectifier

Part # AUIPS7145R
Description  CURRENT SENSE HIGH SIDE SWITCH Over temperature shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS7145R Datasheet(HTML) 8 Page - International Rectifier

Back Button AUIPS7145R Datasheet HTML 4Page - International Rectifier AUIPS7145R Datasheet HTML 5Page - International Rectifier AUIPS7145R Datasheet HTML 6Page - International Rectifier AUIPS7145R Datasheet HTML 7Page - International Rectifier AUIPS7145R Datasheet HTML 8Page - International Rectifier AUIPS7145R Datasheet HTML 9Page - International Rectifier AUIPS7145R Datasheet HTML 10Page - International Rectifier AUIPS7145R Datasheet HTML 11Page - International Rectifier AUIPS7145R Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AUIPS7145R
www.irf.com
8
Maximum Vcc voltage with short circuit protection
The maximum Vcc voltage with short circuit is the maximum voltage for which the part is able to protect itself under test
conditions representative of the application. 2 kind of short circuits are considered : terminal and load short circuit.
Maximum current during reverse circulation
In case of short circuit to battery, a voltage drop of the Vcc may create a current which circulate in reverse mode. When
the device is on, this reverse circulation current will not trigger the internal fault latch. This immunization is also true when
the part turns on while a reverse current flows into the device. The maximum current (I rev) is specified in the maximum
rating section.
L SC
R SC
Terminal SC
0.1 µH
10 mohm
Load SC
10 µH
100 mohm
Out
IPS
Vcc
L SC
L supply
5µH
R supply
10mohm
R SC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com