Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 4 Page - First Components International

Part # LM1117
Description  800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM1117 Datasheet(HTML) 4 Page - First Components International

  LM1117 Datasheet HTML 1Page - First Components International LM1117 Datasheet HTML 2Page - First Components International LM1117 Datasheet HTML 3Page - First Components International LM1117 Datasheet HTML 4Page - First Components International LM1117 Datasheet HTML 5Page - First Components International LM1117 Datasheet HTML 6Page - First Components International LM1117 Datasheet HTML 7Page - First Components International LM1117 Datasheet HTML 8Page - First Components International LM1117 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Input Voltage (V
IN to GND)
LM1117-ADJ, LM1117-3.3,
LM1117-5.0
20V
Power Dissipation (Note 2)
Internally Limited
Junction Temperature (T
J )
(Note 2)
150˚C
Storage Temperature Range
-65˚C to 150˚C
Lead Temperature
TO-220 Package
260˚C, 10 sec
SOT-223 Package
260˚C, 4 sec
ESD Tolerance (Note 3)
2000V
Operating Ratings (Note 1)
Input Voltage (V
IN to GND)
LM1117-ADJ, LM1117-3.3,
LM1117-5.0
15V
LM1117-2.85
10V
Junction Temperature Range (T
J)
(Note 2)
0˚C to 125˚C
Electrical Characteristics
Typicals and limits appearing in normal type apply for T
J = 25˚C. Limits appearing in Boldface type apply over the entire junc-
tion temperature range for operation, 0˚C to 125˚C.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
REF
Reference Voltage
LM1117-ADJ
I
OUT=10mA, VIN-VOUT=2V, TJ=25˚C
10mA
≤I
OUT≤ 800mA, 1.4V≤
V
IN-VOUT≤10V
1.238
1.225
1.250
1.250
1.262
1.270
V
V
V
OUT
Output Voltage
LM1117-2.85
I
OUT =10mA, VIN=4.85V, TJ=25˚C
O
≤I
OUT≤800mA, 4.25V≤ VIN≤10V
O
≤I
OUT ≤500mA, VIN=4.10V
2.820
2.790
2.790
2.850
2.850
2.850
2.880
2.910
2.910
V
V
V
LM1117-3.3
I
OUT=10mA, VIN=5V TJ=25˚C
O
≤I
OUT≤800mA, 4.75V≤ VIN≤10V
3.267
3.235
3.300
3.300
3.333
3.365
V
V
LM1117-5.0
I
OUT=10mA, VIN=7V, TJ=25˚C
O
≤I
OUT≤ 800mA, 6.5V≤ VIN≤12V
4.950
4.900
5.000
5.000
5.050
5.100
V
V
∆V
OUT
Line Regulation
(Note 6)
LM1117-ADJ
I
OUT=10mA, 1.5V≤ VIN-VOUT≤13.75V
0.035
0.2
%
LM1117-2.85
I
OUT=0mA, 4.25V≤ VIN≤10V
1
6
mV
LM1117-3.3
I
OUT=0mA, 4.75V≤ VIN≤15V
1
6
mV
LM1117-5.0
I
OUT=0mA, 6.5V≤ VIN≤15V
1
10
mV
∆V
OUT
Load Regulation
(Note 6)
LM1117-ADJ
V
IN-V OUT=3V, 10≤IOUT≤800mA
0.2
0.4
%
LM1117-2.85
V
IN=4.25V, 0≤IOUT≤800mA
1
10
mV
LM1117-3.3
V
IN=4.75V, 0≤IOUT≤800mA
1
10
mV
LM1117-5.0
V
IN=6.5V, 0≤IOUT≤800mA
1
15
mV
V
IN-V OUT
Dropout Voltage
(Note 7)
I
OUT=100mA
1.10
1.20
V
I
OUT=500mA
1.15
1.25
V
I
OUT=800mA
1.20
1.30
V
I
LIMIT
Current Limit
V
IN-VOUT=5V, TJ=25˚C
800
1200
1500
mA
Minimum Load
Current (Note 8)
LM1117-ADJ
V
IN=15V
1.7
5
mA
4
LM1117 800mA Low-dropout Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com