Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 5 Page - First Components International

Part # LM1117
Description  800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM1117 Datasheet(HTML) 5 Page - First Components International

  LM1117 Datasheet HTML 1Page - First Components International LM1117 Datasheet HTML 2Page - First Components International LM1117 Datasheet HTML 3Page - First Components International LM1117 Datasheet HTML 4Page - First Components International LM1117 Datasheet HTML 5Page - First Components International LM1117 Datasheet HTML 6Page - First Components International LM1117 Datasheet HTML 7Page - First Components International LM1117 Datasheet HTML 8Page - First Components International LM1117 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristics (Continued)
Typicals and limits appearing in normal type apply for T
J = 25˚C. Limits appearing in Boldface type apply over the entire junc-
tion temperature range for operation, 0˚C to 125˚C.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
Quiescent Current
LM1117-2.85
V
IN≤10V
5
10
mA
LM1117-3.3
V
IN≤15V
5
10
mA
LM1117-5.0
V
IN≤15V
5
10
mA
Thermal Regulation
T
A=25˚C, 30ms Pulse
0.01
0.1
%/W
Ripple Regulation
f
RIPPLE=120Hz, V IN-VOUT=3V
V
RIPPLE=1VPP
60
75
dB
Adjust Pin Current
60
120
µA
Adjust Pin Current
Change
10
≤ I
OUT≤ 800mA,
1.4V
≤ V
IN-VOUT≤ 10V
0.2
5
µA
Temperature Stability
0.5
%
Long Term Stability
T
A=125˚C, 1000Hrs
0.3
%
RMS Output Noise
(% of V
OUT), 10Hz≤f≤10kHz
0.003
%
Thermal Resistance
Junction-to-Case
3-Lead SOT-223
3,5 -Lead TO-220
3,5 -Lead TO-252
15.0
3.0
10
˚C/W
˚C/W
˚C/W
Thermal Resistance
Junction-to-Ambient
(No heat sink;
No air flow)
3-Lead SOT-223
3,5 -Lead TO-220
3,5 -Lead TO-252(Note 9)
136
79
92
˚C/W
˚C/W
˚C/W
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =(T
J
-
(max)
–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 3: For testing purposes, ESD was applied using human body model, 1.5k
Ω in series with 100pF.
Note 4: Typical Values represent the most likely parametric norm.
Note 5: All limits are guaranteed by testing or statistical analysis.
Note 6: Load and line regulation are measured at constant junction room temperature.
Note 7: The dropout voltage is the input/output differential at which the circuit ceases to regulate against further reduction in input voltage. It is measured when the
output voltage has dropped 100mV from the nominal value obtained at VIN=V OUT+1.5V.
Note 8: The minimum output current required to maintain regulation.
Note 9: Minimum pad size of 0.038in2
5
LM1117 800mA Low-dropout Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com