Electronic Components Datasheet Search
  English  ▼

X  

LM1117 Datasheet(PDF) 12 Page - First Components International

Part # LM1117
Description  800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM1117 Datasheet(HTML) 12 Page - First Components International

Back Button LM1117 Datasheet HTML 6Page - First Components International LM1117 Datasheet HTML 7Page - First Components International LM1117 Datasheet HTML 8Page - First Components International LM1117 Datasheet HTML 9Page - First Components International LM1117 Datasheet HTML 10Page - First Components International LM1117 Datasheet HTML 11Page - First Components International LM1117 Datasheet HTML 12Page - First Components International LM1117 Datasheet HTML 13Page - First Components International LM1117 Datasheet HTML 14Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Typical Application Circuits
Adjusting Output of Fixed Regulators
Regulator with Reference
1.25V to 10V Adjustable Regulator with Improved
Ripple Rejection
5V Logic Regulator with Electronic Shutdown*
Battery Backed-Up Regulated Supply
12
Low Dropout Negative Supply
Battery Backed-Up Regulated
Supply
LM1117 800mA Low-dropout Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com