Electronic Components Datasheet Search
  English  ▼

X  

AD8667ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8667ARMZ
Description  Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD8667ARMZ Datasheet HTML 1Page - Analog Devices AD8667ARMZ Datasheet HTML 2Page - Analog Devices AD8667ARMZ Datasheet HTML 3Page - Analog Devices AD8667ARMZ Datasheet HTML 4Page - Analog Devices AD8667ARMZ Datasheet HTML 5Page - Analog Devices AD8667ARMZ Datasheet HTML 6Page - Analog Devices AD8667ARMZ Datasheet HTML 7Page - Analog Devices AD8667ARMZ Datasheet HTML 8Page - Analog Devices AD8667ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8663/AD8667/AD8669
Rev. B | Page 4 of 16
VSY = 16.0 V, VCM = VSY/2, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = VSY/2
40
300
μV
−40°C < TA < +125°C
500
μV
Input Bias Current
IB
0.3
pA
−40°C < TA < +85°C
45
pA
−40°C < TA < +125°C
120
pA
Input Offset Current
IOS
0.2
pA
−40°C < TA < +85°C
35
pA
−40°C < TA < +125°C
65
pA
Input Voltage Range
0.2
14.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0.2 V to 14.5 V
87
109
dB
−40°C < TA < +125°C
87
109
dB
Large Signal Voltage Gain
AVO
RL = 100 kΩ, VOUT = 0.5 V to 15.5 V
115
140
dB
RL = 2 kΩ, VOUT = 0.5 V to 15.5 V
106
111
dB
Offset Voltage Drift
TCVOS
−40°C < TA < +125°C
1.5
5
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 100 μA
15.95
15.98
V
−40°C < TA < +125°C
15.90
V
Output Voltage High
VOH
IL = 1 mA
15.85
15.92
V
−40°C < TA < +125°C
15.80
V
Output Voltage Low
VOL
IL = 100 μA
17
25
mV
−40°C < TA < +125°C
35
mV
Output Voltage Low
VOL
IL = 1 mA
70
100
mV
−40°C < TA < +125°C
125
mV
Short-Circuit Current
ISC
±50
mA
Closed-Loop Output Impedance
ZOUT
f = 100 kHz, AV = 1
100
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 5 V to 16 V
95
105
dB
−40°C < TA < +125°C
95
dB
Supply Current per Amplifier
ISY
VOUT = VSY/2
230
285
μA
−40°C < TA < +125°C
355
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
0.3
V/μs
Gain Bandwidth Product
GBP
CL = 20 pF
540
kHz
Phase Margin
ΦM
CL = 20 pF
64
Degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f = 0.1 Hz to 10 Hz
2.5
μV p-p
Voltage Noise Density
en
f = 1 kHz
23
nV/√Hz
f = 10 kHz
21
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.05
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com