Electronic Components Datasheet Search
  English  ▼

X  

AD8667ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8667ARMZ
Description  Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8667ARMZ Datasheet HTML 5Page - Analog Devices AD8667ARMZ Datasheet HTML 6Page - Analog Devices AD8667ARMZ Datasheet HTML 7Page - Analog Devices AD8667ARMZ Datasheet HTML 8Page - Analog Devices AD8667ARMZ Datasheet HTML 9Page - Analog Devices AD8667ARMZ Datasheet HTML 10Page - Analog Devices AD8667ARMZ Datasheet HTML 11Page - Analog Devices AD8667ARMZ Datasheet HTML 12Page - Analog Devices AD8667ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8663/AD8667/AD8669
Rev. B | Page 9 of 16
1000
100
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100
10
1
0.1
VSY = 5V
TA = 25°C
G = 100
G = 10
G = 1
Figure 23. Closed-Loop Output Impedance vs. Frequency, VSY = 5 V
100
FREQUENCY (Hz)
1k
10k
100k
1M
10M
90
80
70
60
50
40
30
20
10
0
–10
–20
VSY = 5V
TA = 25°C
PSSR+
PSSR–
Figure 24. PSRR vs. Frequency, VSY = 5 V
10
CAPACITANCE (pF)
100
1k
80
70
60
50
40
30
20
10
0
VSY = 5V
TA = 25°C
OS+
OS–
Figure 25. Small-Signal Overshoot vs. Load Capacitance, VSY = 5 V
1000
100
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100
10
1
0.1
VSY = 16V
TA = 25°C
G = 100
G = 10
G = 1
Figure 26. Closed-Loop Output Impedance vs. Frequency, VSY = 16 V
100
FREQUENCY (Hz)
1k
10k
100k
1M
10M
90
80
70
60
50
40
30
20
10
0
–10
–20
VSY = 16V
TA = 25°C
PSSR+
PSSR–
Figure 27. PSRR vs. Frequency, VSY = 16 V
10
CAPACITANCE (pF)
100
1k
80
70
60
50
40
30
20
10
0
VSY = 16V
TA = 25°C
OS+
OS–
Figure 28. Small-Signal Overshoot vs. Load Capacitance, VSY = 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com