Electronic Components Datasheet Search
  English  ▼

X  

AD8667ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8667ARMZ
Description  Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8667ARMZ Datasheet HTML 1Page - Analog Devices AD8667ARMZ Datasheet HTML 2Page - Analog Devices AD8667ARMZ Datasheet HTML 3Page - Analog Devices AD8667ARMZ Datasheet HTML 4Page - Analog Devices AD8667ARMZ Datasheet HTML 5Page - Analog Devices AD8667ARMZ Datasheet HTML 6Page - Analog Devices AD8667ARMZ Datasheet HTML 7Page - Analog Devices AD8667ARMZ Datasheet HTML 8Page - Analog Devices AD8667ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Noise, Precision, 16 V, CMOS,
Rail-to-Rail Operational Amplifiers
AD8663/AD8667/AD8669
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 175 μV maximum @ VSY = 5 V
Low supply current: 275 μA maximum per amplifier
Single-supply operation: 5 V to 16 V
Low noise: 23 nV/√Hz
Low input bias current: 300 fA
Unity-gain stable
Small packages available
3 mm × 3 mm, 8-lead LFCSP
8-lead MSOP
Other packages
8-lead SOIC
14-lead SOIC
14-lead TSSOP
APPLICATIONS
Sensor front ends
Transimpedance amplifiers
Electrometer applications
Photodiode amplification
Low power ADC drivers
Medical diagnostic instruments
pH and ORP meters and probes
DAC or REF buffers
PIN CONFIGURATIONS
NC 1
–IN 2
+IN 3
V– 4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8663
TOP VIEW
(Not to Scale)
NC = NO CONNECT
1
NC
2
–IN
3
+IN
4
V–
7V+
8NC
6OUT
5NC
AD8663
Figure 1. 8-Lead SOIC (R-8)
Figure 2. 8-Lead LFCSP (CP-8-2)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8667
TOP VIEW
(Not to Scale)
OUT A
1
–IN A
2
+IN A
3
V+
4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B
5
+IN C
10
–IN B
6
–IN C
9
OUT B
7
OUT C
8
AD8648
TOP VIEW
(Not to Scale)
1
2
3
4
14
13
12
11
5
10
6
9
7
8
AD8669
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead MSOP (RM-8),
8-Lead SOIC (R-8)
Figure 4. 14-Lead SOIC (R-14),
14-Lead TSSOP (RU-14)
GENERAL DESCRIPTION
The AD866x are rail-to-rail output amplifiers that use the
Analog Devices, Inc., patented DigiTrim® trimming technique
to achieve low offset voltage. The AD866x feature an extended
operating range with supply voltages up to 16 V. They also
feature low input bias current, low input offset voltage, and
low current noise.
The combination of low offset, very low input bias current, and
a wide supply range makes these amplifiers useful in a wide variety
of applications usually associated with higher priced JFET ampli-
fiers. Systems using high impedance sensors, such as photodiodes,
benefit from the combination of low input bias current, low
noise, low offset, and wide bandwidth.
The ability to operate the device for single (5 V to 16 V) or dual
supplies (±2.5 V to ±8 V) supports many applications. The rail-
to-rail outputs provide increased dynamic range to drive low
frequency data converters. The low bias current drift is well-
suited for precision I-to-V converters. The combination of
precision offset, offset drift, and low noise also make the op
amps ideal for gain, dc offset adjust, and active filter in both
instrumentation and medical applications. These low power
op amps can be used in IR thermometers, pH and ORP instru-
ments, pressure transducer front ends, and other sensor signal
conditioning circuits that are used in remote or wireless
applications.
The AD8663/AD8667/AD8669 are specified over the extended
industrial temperature range of −40°C to +125°C. The single
AD8663 is available in a narrow 8-lead SOIC package and a very
thin, 8-lead LFCSP. The dual AD8667 is available in a narrow
8-lead SOIC package and an 8-lead MSOP. The quad AD8669
is available in a 14-lead SOIC and 14-lead small TSSOP.


Similar Part No. - AD8667ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8667ARMZ AD-AD8667ARMZ Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
656Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
AD8667ARMZ-R2 AD-AD8667ARMZ-R2 Datasheet
849Kb / 16P
16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
REV. 0
AD8667ARMZ-R2 AD-AD8667ARMZ-R2 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8667ARMZ-R21 AD-AD8667ARMZ-R21 Datasheet
825Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
10/07-Rev. 0 to Rev. A
More results

Similar Description - AD8667ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
10/07-Rev. 0 to Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
21-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com