Electronic Components Datasheet Search
  English  ▼

X  

AMP03GSZ Datasheet(PDF) 4 Page - Analog Devices

Part # AMP03GSZ
Description  Precision, Unity-Gain Differential Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP03GSZ Datasheet(HTML) 4 Page - Analog Devices

  AMP03GSZ Datasheet HTML 1Page - Analog Devices AMP03GSZ Datasheet HTML 2Page - Analog Devices AMP03GSZ Datasheet HTML 3Page - Analog Devices AMP03GSZ Datasheet HTML 4Page - Analog Devices AMP03GSZ Datasheet HTML 5Page - Analog Devices AMP03GSZ Datasheet HTML 6Page - Analog Devices AMP03GSZ Datasheet HTML 7Page - Analog Devices AMP03GSZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMP03–Typical Performance Characteristics
–4–
REV. F
TPC 1. Small Signal Transient
Response
TPC 4. Large Signal Transient
Response
1000
800
–800
0
–200
–400
–600
600
200
400
TEMPERATURE ( C)
–75 –50
150
–25
0
25
75
100 125
50
VS = 15V
TPC 7. Input Offset Voltage vs.
Temperature
FREQUENCY (Hz)
120
0
110
1M
100
1k
10k
100k
90
40
30
20
10
80
70
50
60
110
100
TA = +25 C
VS = 15V
TPC 2. Common-Mode Rejection
vs. Frequency
FREQUENCY (Hz)
120
0
110
1M
100
1k
10k
100k
90
40
30
20
10
80
70
50
60
110
100
TA = +25 C
VS = 15V
–PSRR
+PSRR
TPC 5. Power Supply Rejection vs.
Frequency
FREQUENCY (Hz)
50
40
–30
100
1k
10M
10k
100k
1M
10
0
–10
–20
30
20
TA = +25°C
VS = 15V
TPC 8. Closed-Loop Gain vs.
Frequency
FREQUENCY (Hz)
0.1
0.010
0.0001
20
100
20k
0.001
1k
10k
TA = +25 C
VS = 15V
AV = –1
RL = 600
RL = 100k
TPC 3. Total Harmonic Distortion
vs. Frequency
FREQUENCY (Hz)
0.1
0.010
0.0001
2k
50k
0.001
10k
TA = +25 C
VS = 15V
AV = –1
RL = 600 , 100k
TPC 6. Dynamic Intermodulation
Distortion vs. Frequency
FREQUENCY (Hz)
10
8
0
100
1k
1M
10k
100k
6
4
2
TA = +25°C
VS = 15V
TPC 9. Closed-Loop Output
Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com