Electronic Components Datasheet Search
  English  ▼

X  

AMP03GSZ Datasheet(PDF) 6 Page - Analog Devices

Part # AMP03GSZ
Description  Precision, Unity-Gain Differential Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP03GSZ Datasheet(HTML) 6 Page - Analog Devices

  AMP03GSZ Datasheet HTML 1Page - Analog Devices AMP03GSZ Datasheet HTML 2Page - Analog Devices AMP03GSZ Datasheet HTML 3Page - Analog Devices AMP03GSZ Datasheet HTML 4Page - Analog Devices AMP03GSZ Datasheet HTML 5Page - Analog Devices AMP03GSZ Datasheet HTML 6Page - Analog Devices AMP03GSZ Datasheet HTML 7Page - Analog Devices AMP03GSZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AMP03
–6–
REV. F
ECM
+V
0.1 F
0.1 F
–V
VSIGNAL
GROUND REFERENCE 1
GROUND REFERENCE 2
(GROUND REFERENCE 2)
VOUT = –VSIGNAL
AMP03
Figure 1. AMP03 Serves to Reject Common-Mode Volt-
ages in Instrumentation Systems. Common-Mode Volt-
ages Occur Due to Ground Current Returns. VSIGNAL and
ECM Must Be within the Common-Mode Range of AMP03.
APPLICATIONS INFORMATION
The AMP03 represents a versatile analog building block. In
order to capitalize on the fast settling time, high slew rate, and
high CMR, proper decoupling and grounding techniques must
be employed. Figure 1 illustrates the use of 0.1
µF decoupling
capacitors and proper ground connections.
MAINTAINING COMMON-MODE REJECTION
In order to achieve the full common-mode rejection capability
of the AMP03, the source impedance must be carefully con-
trolled. Slight imbalances of the source resistance will result in
a degradation of dc CMR—even a 5
Ω imbalance will degrade
CMR by 20 dB. Also, the matching of the reactive source
impedance must be matched in order to preserve the CMRR
over frequency.
APPLICATION CIRCUITS
AMP03
R1
25k
R2
25k
R3
25k
R4
25k
+IN E2
–IN E1
E0 = E2 – E1
Figure 2. Precision Difference Amplifier. Rejects
Common-Mode Signal = (E1 + E2)/2 by 100 dB
AMP03
E1
E0 = –E1
Figure 3. Precision Unity-Gain Inverting Amplifier
AMP03
+15V
–10V OUT
0.1 F
REF10
+10V OUT
Figure 4.
10 V Precision Voltage Reference
+15V
–5V OUT
0.1 F
REF10
+5V OUT
AMP03
Figure 5.
5 V Precision Voltage Reference
AMP03
E1
E2
E0 = E1 + E2
Figure 6. Precision Summing Amplifier
AMP03
R2
R1
E1
E2
E0 = (R2/R1+1)
E1 = E2
2
Figure 7. Precision Summing Amplifier with Gain



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com