Electronic Components Datasheet Search
  English  ▼

X  

TDA-7296 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA-7296
Description  70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA-7296 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA-7296 Datasheet HTML 1Page - STMicroelectronics TDA-7296 Datasheet HTML 2Page - STMicroelectronics TDA-7296 Datasheet HTML 3Page - STMicroelectronics TDA-7296 Datasheet HTML 4Page - STMicroelectronics TDA-7296 Datasheet HTML 5Page - STMicroelectronics TDA-7296 Datasheet HTML 6Page - STMicroelectronics TDA-7296 Datasheet HTML 7Page - STMicroelectronics TDA-7296 Datasheet HTML 8Page - STMicroelectronics TDA-7296 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
TDA7296
February 2005
1
FEATURES
■ MULTIPOWER BCD TECHNOLOGY
■ VERY HIGH OPERATING VOLTAGE RANGE
(±35V)
■ DMOS POWER STAGE
■ HIGH OUTPUT POWER (UP TO 60W MUSIC
POWER)
■ MUTING/STAND-BY FUNCTIONS
■ NO SWITCH ON/OFF NOISE
■ NO BOUCHEROT CELLS
■ VERY LOW DISTORTION
■ VERY LOW NOISE
■ SHORT CIRCUIT PROTECTION
■ THERMAL SHUTDOWN
2
DESCRIPTION
The TDA7296 is a monolithic integrated circuit in
Multiwatt15 package, intended for use as audio
class AB amplifier in Hi-Fi field applications (Home
Stereo, self powered loudspeakers, Topclass TV).
Thanks to the wide voltage range and to the high
out current capability it is able to supply the high-
est power into both 4
Ω and 8Ω loads even in pres-
ence of poor supply regulation, with high Supply
Voltage Rejection.
The built in muting function with turn on delay sim-
plifies the remote operation avoiding switching on-
off noises.
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Figure 2. Typical Application and Test Circuit
IN-
2
R2
680
Ω
C2
22
µF
C1 470nF
IN+
R1 22K
R6
2.7
Ω
C10
100nF
3
R3 22K
-
+
MUTE
STBY
4
VM
VSTBY
10
9
IN+MUTE
MUTE
STBY
R4 22K
THERMAL
SHUTDOWN
S/C
PROTECTION
R5 10K
C3 10
µF
C4 10
µF
1
STBY-GND
C5
22
µF
713
14
6
15
8
-Vs
-PWVs
BOOT-
STRAP
OUT
+PWVs
+Vs
C9 100nF
C8 1000
µF
-Vs
D93AU011
+Vs
C7 100nF
C6 1000
µF
Note: The Boucherot cell R6, C10, normally not necessary for a stable operation it could
be needed in presence of particular load impedances at VS <±25V.
Rev. 10
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7296
Multiwatt15V
TDA7296HS
Multiwatt15H (Short Leads)
Multiwatt15V
Multiwatt15H
(Short Leads)


Similar Part No. - TDA-7296

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
TDA-06 ADAM-TECH-TDA-06 Datasheet
148Kb / 1P
BARRIER TERMINAL STRIPS
logo
STMicroelectronics
TDA-2009A STMICROELECTRONICS-TDA-2009A Datasheet
575Kb / 12P
10 10W STEREO AMPLIFIER
Sep-2003
logo
Adam Technologies, Inc.
TDA-XX ADAM-TECH-TDA-XX Datasheet
102Kb / 1P
909 Rahway Avenue
More results

Similar Description - TDA-7296

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-1996
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7295S STMICROELECTRONICS-TDA7295S Datasheet
337Kb / 13P
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Sep-1997
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996
TDA7296S STMICROELECTRONICS-TDA7296S Datasheet
248Kb / 11P
60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7294S STMICROELECTRONICS-TDA7294S_05 Datasheet
287Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA7293 STMICROELECTRONICS-TDA7293_03 Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7294 STMICROELECTRONICS-TDA7294_07 Datasheet
1Mb / 17P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Apr-2003
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com