Electronic Components Datasheet Search
  English  ▼

X  

TDA-7296 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA-7296
Description  70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA-7296 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA-7296 Datasheet HTML 6Page - STMicroelectronics TDA-7296 Datasheet HTML 7Page - STMicroelectronics TDA-7296 Datasheet HTML 8Page - STMicroelectronics TDA-7296 Datasheet HTML 9Page - STMicroelectronics TDA-7296 Datasheet HTML 10Page - STMicroelectronics TDA-7296 Datasheet HTML 11Page - STMicroelectronics TDA-7296 Datasheet HTML 12Page - STMicroelectronics TDA-7296 Datasheet HTML 13Page - STMicroelectronics TDA-7296 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TDA7296
10/15
Figure 20. Single Signal ST-BY/MUTE Control Circuit
6
BRIDGE APPLICATION
Another application suggestion is the BRIDGE configuration, where two TDA7296 are used, as shown by
the schematic diagram.
In this application, the value of the load must not be lower than 8 Ohm for dissipation and current capability
reasons. A suitable field of application includes HI-FI/TV subwoofers realizations. The main advantages
offered by this solution are:
– High power performances with limited supply voltage level.
– Considerably high output power even with high load values (i.e. 16 Ohm).
The characteristics shown by figures 23 and 24, measured with loads respectively 8 Ohm and 16 Ohm.
With Rl= 8 Ohm, Vs = ±18V the maximum output power obtainable is 60W, while with Rl=16 Ohm, Vs =
±24V the maximum Pout is 60W.
Figure 21. Bridge Application Circuit
1N4148
10K
30K
20K
10
µF
10
µF
MUTE
STBY
D93AU014
MUTE/
ST-BY
22K
0.56
µF
2200
µF
0.22
µF
+
-
22
µF
22K
680
22K
3
1
4
13
7
+Vs
Vi
8
15
2
14
6
10
9
+
-
3
0.56
µF
22K
1
4
2
14
6
22
µF
22K
680
10
9
22
µF
15
8
-Vs
2200
µF
0.22
µF
22
µF
20K
10K
30K
1N4148
ST-BY/MUTE
13
7
D93AU015A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com