Electronic Components Datasheet Search
  English  ▼

X  

TDA-7296 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA-7296
Description  70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA-7296 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA-7296 Datasheet HTML 1Page - STMicroelectronics TDA-7296 Datasheet HTML 2Page - STMicroelectronics TDA-7296 Datasheet HTML 3Page - STMicroelectronics TDA-7296 Datasheet HTML 4Page - STMicroelectronics TDA-7296 Datasheet HTML 5Page - STMicroelectronics TDA-7296 Datasheet HTML 6Page - STMicroelectronics TDA-7296 Datasheet HTML 7Page - STMicroelectronics TDA-7296 Datasheet HTML 8Page - STMicroelectronics TDA-7296 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
TDA7296
Table 4. Electrical Characteristcs (Refer to the Test Circuit VS = ±24V, RL = 8
Ω, GV = 30dB; Rg = 50Ω;
Tamb = 25°C, f = 1 kHz; unless otherwise specified).
Note (*):
MUSIC POWER is the maximal power which the amplifier is capable of producing across the rated load resistance (regardless of non linearity)
1 sec after the application of a sinusoidal input signal of frequency 1KHz.
Note (**): Tested with optimized Application Board (see fig.5)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Range
±10
±35
V
Iq
Quiescent Current
20
30
65
mA
Ib
Input Bias Current
500
nA
VOS
Input Offset Voltage
-10
10
mV
IOS
Input Offset Current
-100
100
nA
PO
RMS Continuous Output
Power
d = 05%
VS = ± 24V, RL = 8
Ω;
VS = ± 21V, RL = 6
Ω;
VS = ± 18V, RL = 4
Ω;
27
27
27
30
30
30
W
W
W
Music Power (RMS)
∆t = 1s (*)
d = 10%
VS = ± 29V, RL = 8
Ω;
VS = ± 24V, RL = 6
Ω;
VS = ± 22V, RL = 4
Ω;
60
60
60
W
W
W
d
Total Harmonic Distortion (**)
PO = 5W; f = 1kHz
PO = 0.1 to 20W; f = 20Hz to 20kHz
0.005
0.1
%
VS = ± 18V, RL = 4
Ω;
PO = 5W; f = 1kHz
PO = 0.1 to 20W; f = 20Hz to 20kHz
0.01
0.1
%
%
SR
Slew Rate
7
10
V/
µs
GV
Open Loop Voltage Gain
80
dB
GV
Closed Loop Voltage Gain (1)
24
30
40
dB
eN
Total Input Noise
A = curve
1
µV
f = 20Hz to 20kHz
2
5
µV
fL ,fH
frequency response (-3dB)
PO =1W
20Hz to 20kHz
Ri
Input Resistance
100
k
SVR
Supply Voltage Rejection
f = 100Hz; Vripple = 0.5Vrms
60
75
dB
TS
Thermal Shutdown
145
°C
STAND-BY FUNCTION (Ref: -Vs or GND)
VST on
Stand-by on Threshold
1.5
V
VST off
Stand-by off Threshold
3.5
V
ATTst-by
Stand-by Attenuation
70
90
dB
Iq st-by
Quiescent Current @ Stand-by
1
3
mA
MUTE FUNCTION (Ref: -Vs ro GND)
VMon
Mute on Threshold
1.5
V
VMoff
Mute off Threshold
3.5
V
ATTmute
Mute AttenuatIon
60
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com