Electronic Components Datasheet Search
  English  ▼

X  

CYUSB301X Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # CYUSB301X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB301X Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button CYUSB301X Datasheet HTML 37Page - Cypress Semiconductor CYUSB301X Datasheet HTML 38Page - Cypress Semiconductor CYUSB301X Datasheet HTML 39Page - Cypress Semiconductor CYUSB301X Datasheet HTML 40Page - Cypress Semiconductor CYUSB301X Datasheet HTML 41Page - Cypress Semiconductor CYUSB301X Datasheet HTML 42Page - Cypress Semiconductor CYUSB301X Datasheet HTML 43Page - Cypress Semiconductor CYUSB301X Datasheet HTML 44Page - Cypress Semiconductor CYUSB301X Datasheet HTML 45Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 43 of 45
Document History Page
Document Title: CYUSB301X, EZ-USB® FX3: SuperSpeed USB Controller
Document Number: 001-52136
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
2669761
VSO/PYRS
03/06/09
New data sheet
*A
2758370
VSO
09/01/09
Updated the part# from CYX01XXBB to CYUSB3011-BZXI
Changed the title from “ADVANCE” to “ADVANCE INFORMATION”
In page 1, the second bullet (Flexible Host Interface), add “32-bit, 100 MHz” to
first sub bullet.
In page 1, changed the second bullet “Flexible Host Interface” to General
Programmable Interface”.
In page 1, the second bullet (Flexible Host Interface), removed "DMA Slave
Support” and "MMC Slave support with Pass through Boot" sub bullets.
In page 1, third bullet, changed "50
A with Core Power" to "60 A with Core
Power"
In page 1, fifth bullet, added "at 1 MHz"
In page 1, seventh bullet, added "up to 4MHz" to UART
In page 1, Applications Section, move “Digital Still Cameras” to second line.
In page 1, Applications Section, added “Machine Vision” and Industrial
Cameras”
Added ™ to GPIF and FX3.
In page 1, updated Logic Block Diagram.
In page 2, section of “Functional Overview”, updated the whole section.
In page 2, removed the section of “Product Interface”
In page 2, removed the section of “Processor Interface (P-Port)”
In page 2, removed the section of “USB Interface (U-Port)”
In page 2, removed the section of “Other Interfaces”
In page 2, added a section of "GPIF II"
In page 2, added a section of "CPU"
In page 2, added a section of "JTAG Interface"
In page 2, added a section of "Boot Options"
In page 2, added a section of "ReNumeration"
In page 2, added a section of "Power"
In the section of “Package”, replaced “West Bridge USB 3.0 Platform” by FX3.
In the section of “Package”, added 0.8 mm pitch in front of BGA.
Added Pin List (Table 1)
*B
2779196
VSO/PYRS
09/29/09
Features:
Added the thrid bullet “Fully accessible 32-bit ARM9 core with 512kB of
embedded SRAM”
Added the thrid line “EZ USB™ Software and DVK for easy code development”
Table 1: Pin 74, corrected to NC - No Connect.
Changed title to EZ-USB™ FX3: SuperSpeed USB Controller
*C
2823531
OSG
12/08/09
Added data sheet to the USB 3.0 EROS spec 001-51884. No technical
updates.
*D
3080927
OSG
11/08/2010
Changed status from Advance to Preliminary
Changed part number from CYUSB3011 to CYUSB3014
Added the following sections: Power, Configuration Options, Digital I/Os,
System-level ESD, Absolute Maximum Ratings, AC Timing Parameters, Reset
Sequence, Package Diagram
Added DC Specifications table
Updated feature list
Updated Pin List
Added support for selectable clock input frequencies.
Updated block diagram
Updated part number
Updated package diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com