Electronic Components Datasheet Search
  English  ▼

X  

CYUSB301X Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYUSB301X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB301X Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYUSB301X Datasheet HTML 5Page - Cypress Semiconductor CYUSB301X Datasheet HTML 6Page - Cypress Semiconductor CYUSB301X Datasheet HTML 7Page - Cypress Semiconductor CYUSB301X Datasheet HTML 8Page - Cypress Semiconductor CYUSB301X Datasheet HTML 9Page - Cypress Semiconductor CYUSB301X Datasheet HTML 10Page - Cypress Semiconductor CYUSB301X Datasheet HTML 11Page - Cypress Semiconductor CYUSB301X Datasheet HTML 12Page - Cypress Semiconductor CYUSB301X Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 9 of 45
Boot Options
FX3 can load boot images from various sources, selected by the
configuration of the PMODE pins. Following are the FX3 boot
options:
■ Boot from USB
■ Boot from I
2C
■ Boot from SPI (SPI devices supported are M25P16 (16 Mbit),
M25P80 (8 Mbit), and M25P40 (4 Mbit)) or their equivalents
■ Boot from GPIF II ASync ADMux mode
■ Boot from GPIF II Sync ADMux mode
■ Boot from GPIF II ASync SRAM mode
Reset
Hard Reset
A hard reset is initiated by asserting the Reset# pin on FX3. The
specific reset sequence and timing requirements are detailed in
Figure 19 on page 38 and Table 16 on page 38. All I/Os are
tristated during a hard reset.
Soft Reset
In a soft reset, the processor sets the appropriate bits in the
PP_INIT control register. There are two types of Soft Reset:
■ CPU Reset – The CPU Program Counter is reset. Firmware
does not need to be reloaded following a CPU Reset.
■ Whole Device Reset – This reset is identical to Hard Reset.
■ The firmware must be reloaded following a Whole Device
Reset.
Clocking
FX3 allows either a crystal to be connected between the XTALIN
and XTALOUT pins or an external clock to be connected at the
CLKIN pin. The XTALIN, XTALOUT, CLKIN, and CLKIN_32 pins
can be left unconnected if they are not used.
Crystal frequency supported is 19.2 MHz, while the external
clock frequencies supported are 19.2, 26, 38.4, and 52 MHz.
FX3 has an on-chip oscillator circuit that uses an external
19.2-MHz (±100 ppm) crystal (when the crystal option is used).
An appropriate load capacitance is required with a crystal. Refer
to the specification of the crystal used to determine the appro-
priate load capacitance. The FSLC[2:0] pins must be configured
appropriately to select the crystal- or clock-frequency option. The
configuration options are shown in Table 3.
Clock inputs to FX3 must meet the phase noise and jitter require-
ments specified in Table 4 on page 10.
The input clock frequency is independent of the clock and data
rate of the FX3 core or any of the device interfaces (including
P-Port and S-Port). The internal PLL applies the appropriate
clock multiply option depending on the input frequency.
Table 2. FX3 Booting Options
PMODE[2:0] [2]
Boot From
F00
Sync ADMux (16-bit)
F01
Async ADMux (16-bit)
F11
USB boot
F0F
Async SRAM (16-bit)
F1F
I2C, On Failure, USB Boot is Enabled
1FF
I2C only
0F1
SPI, On Failure, USB Boot is Enabled
Table 3. Crystal/Clock Frequency Selection
FSLC[2]
FSLC[1]
FSLC[0]
Crystal/Clock
Frequency
0
0
0
19.2-MHz crystal
1
0
0
19.2-MHz input CLK
1
0
1
26-MHz input CLK
1
1
0
38.4-MHz input CLK
1
1
1
52-MHz input CLK
Note
2. F indicates Floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com