Electronic Components Datasheet Search
  English  ▼

X  

CYUSB301X Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CYUSB301X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB301X Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CYUSB301X Datasheet HTML 28Page - Cypress Semiconductor CYUSB301X Datasheet HTML 29Page - Cypress Semiconductor CYUSB301X Datasheet HTML 30Page - Cypress Semiconductor CYUSB301X Datasheet HTML 31Page - Cypress Semiconductor CYUSB301X Datasheet HTML 32Page - Cypress Semiconductor CYUSB301X Datasheet HTML 33Page - Cypress Semiconductor CYUSB301X Datasheet HTML 34Page - Cypress Semiconductor CYUSB301X Datasheet HTML 35Page - Cypress Semiconductor CYUSB301X Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 32 of 45
Table 12. Asynchronous Slave FIFO Parameters[8]
Parameter
Description
Min
Max
Units
tRDI
SLRD# low
20
–
ns
tRDh
SLRD# high
10
–
ns
tAS
Address to SLRD#/SLWR# setup time
7
–
ns
tAH
SLRD#/SLWR#/PKTEND to address hold time
2
–
ns
tRFLG
SLRD# to FLAGS output propagation delay
–
35
ns
tFLG
ADDR to FLAGS output propagation delay
22.5
tRDO
SLRD# to data valid
–
25
ns
tOE
OE# low to data valid
–
25
ns
tLZ
OE# low to data low-Z
0
–
ns
tOH
SLOE# deassert data output hold
–
22.5
ns
tWRI
SLWR# low
20
–
ns
tWRh
SLWR# high
10
–
ns
tWRS
Data to SLWR# setup time
7
–
ns
tWRH
SLWR# to Data Hold time
2
–
ns
tWFLG
SLWR#/PKTEND to Flags output propagation delay
–
35
ns
tPEI
PKTEND low
20
–
ns
tPEh
PKTEND high
7.5
–
ns
tWRPE
SLWR# deassert to PKTEND deassert
2
–
Note
8. All parameters guaranteed by design and validated through characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com