Electronic Components Datasheet Search
  English  ▼

X  

AD5306 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5306
Description  2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5306 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5306 Datasheet HTML 13Page - Analog Devices AD5306 Datasheet HTML 14Page - Analog Devices AD5306 Datasheet HTML 15Page - Analog Devices AD5306 Datasheet HTML 16Page - Analog Devices AD5306 Datasheet HTML 17Page - Analog Devices AD5306 Datasheet HTML 18Page - Analog Devices AD5306 Datasheet HTML 19Page - Analog Devices AD5306 Datasheet HTML 20Page - Analog Devices AD5306 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD5306/AD5316/AD5326
Rev. F | Page 17 of 24
DEFAULT READBACK CONDITIONS
All pointer byte bits power up to 0. Therefore, if the user
initiates a readback without first writing to the pointer byte, no
single DAC channel has been specified. In this case, the default
readback bits are all 0 except for the CLR bit and the PD bit,
which are 1.
MULTIPLE DAC WRITE SEQUENCE
Because there are individual bits in the pointer byte for each DAC,
it is possible to write the same data and control bits to two, three,
or four DACs simultaneously by setting the relevant bits to 1.
MULTIPLE DAC READBACK SEQUENCE
If the user attempts to read back data from more than one DAC
at a time, the part reads back the power-on condition of GAIN,
BUF, and data bits (all 0), and the current state of CLR and PD.
BUF
CLR
PD
D7
D6
D5
D4
GAIN
LSB
MSB
8-BIT AD5306
CLR
D9
D8
D7
D6
D11
D10
D9
D8
MOST SIGNIFICANT DATA BYTE
LSB
MSB
10-BIT AD5316
LSB
MSB
12-BIT AD5326
CLR
LEAST SIGNIFICANT DATA BYTE
D3
D2
D1
D0
0
D5
D4
D3
D2
D1
D0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
LSB
MSB
8-BIT AD5306
LSB
MSB
10-BIT AD5316
LSB
MSB
12-BIT AD5326
00
0
BUF
PD
GAIN
BUF
PD
GAIN
Figure 32. Data Formats for Write and Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com