Electronic Components Datasheet Search
  English  ▼

X  

AD5306 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5306
Description  2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5306 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5306 Datasheet HTML 16Page - Analog Devices AD5306 Datasheet HTML 17Page - Analog Devices AD5306 Datasheet HTML 18Page - Analog Devices AD5306 Datasheet HTML 19Page - Analog Devices AD5306 Datasheet HTML 20Page - Analog Devices AD5306 Datasheet HTML 21Page - Analog Devices AD5306 Datasheet HTML 22Page - Analog Devices AD5306 Datasheet HTML 23Page - Analog Devices AD5306 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD5306/AD5316/AD5326
Rev. F | Page 24 of 24
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 41. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD5306ARU
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5306ARU-REEL7
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5306ARUZ1
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5306ARUZ-REEL71
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5306BRU
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5306BRU-REEL
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5306BRU-REEL7
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5306BRUZ1
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5306BRUZ-REEL1
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5306BRUZ-REEL71
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5316ARU
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5316ARU-REEL7
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5316ARUZ1
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5316BRU
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5316BRU-REEL
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5316BRU-REEL7
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5316BRUZ1
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5316BRUZ-REEL1
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5316BRUZ-REEL71
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5326ARU
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5326ARU-REEL7
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5326ARUZ1
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5326BRU
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5326BRU-REEL
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5326BRU-REEL7
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5326BRUZ1
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5326BRUZ-REEL1
−40°C to +105°C
16-Lead TSSOP
RU-16
AD5326BRUZ-REEL71
−40°C to +105°C
16-Lead TSSOP
RU-16
1 Z = Pb-free part.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C02066–0–8/05(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com