Electronic Components Datasheet Search
  English  ▼

X  

AD5306 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5306
Description  2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5306 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5306 Datasheet HTML 14Page - Analog Devices AD5306 Datasheet HTML 15Page - Analog Devices AD5306 Datasheet HTML 16Page - Analog Devices AD5306 Datasheet HTML 17Page - Analog Devices AD5306 Datasheet HTML 18Page - Analog Devices AD5306 Datasheet HTML 19Page - Analog Devices AD5306 Datasheet HTML 20Page - Analog Devices AD5306 Datasheet HTML 21Page - Analog Devices AD5306 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5306/AD5316/AD5326
Rev. F | Page 18 of 24
WRITE OPERATION
When writing to the AD5306/AD5316/AD5326 DACs, the user
must begin with an address byte (R/W = 0), after which the DAC
acknowledges that it is prepared to receive data by pulling SDA
low. This address byte is followed by the pointer byte, which is
also acknowledged by the DAC. Two bytes of data are then
written to the DAC, as shown in Figure 33. A stop condition
follows.
READ OPERATION
When reading data back from the AD5306/AD5316/AD5326
DACs, the user begins with an address byte (R/W = 0), after
which the DAC acknowledges that it is prepared to receive data
by pulling SDA low. This address byte is usually followed by the
pointer byte, which is also acknowledged by the DAC. Following
this, there is a repeated start condition by the master, and the
address is resent with R/W = 1. This is acknowledged by the
DAC, indicating that it is prepared to transmit data. Two bytes
of data are then read from the DAC, as shown in Figure 34. A
stop condition follows.
A1
X
LSB
X
R/W
A0
0
LEAST SIGNIFICANT DATA BYTE
MOST SIGNIFICANT DATA BYTE
00
1
1
ACK
BY
AD53x6
ACK
BY
AD53x6
ACK
BY
AD53x6
ACK
BY
AD533x
MSB
ADDRESS BYTE
POINTER BYTE
START
CONDITION
BY
MASTER
STOP
CONDITION
BY
MASTER
SCL
SDA
SCL
SDA
MSB
LSB
MSB
LSB
Figure 33. Write Sequence
DATA BYTE
LEAST SIGNIFICANT DATA BYTE
SCL
SDA
MSB
SCL
SDA
MSB
ADDRESS BYTE
SCL
SDA
MSB
LSB
POINTER BYTE
ADDRESS BYTE
LSB
ACK
BY
AD53x6
ACK
BY
AD53x6
ACK
BY
AD53x6
ACK
BY
MASTER
START
CONDITION
BY
MASTER
REPEATED
START
CONDITION
BY
MASTER
NO
ACK
BY
MASTER
STOP
CONDITION
BY
MASTER
X
X
R/W
0
00
1
1
A1
R/W
A0
A1
A0
00
0
1
1
LSB
Figure 34. Readback Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com