Electronic Components Datasheet Search
  English  ▼

X  

AD679JNZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD679JNZ
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679JNZ Datasheet(HTML) 4 Page - Analog Devices

  AD679JNZ Datasheet HTML 1Page - Analog Devices AD679JNZ Datasheet HTML 2Page - Analog Devices AD679JNZ Datasheet HTML 3Page - Analog Devices AD679JNZ Datasheet HTML 4Page - Analog Devices AD679JNZ Datasheet HTML 5Page - Analog Devices AD679JNZ Datasheet HTML 6Page - Analog Devices AD679JNZ Datasheet HTML 7Page - Analog Devices AD679JNZ Datasheet HTML 8Page - Analog Devices AD679JNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD679
REV. D
–4–
Parameter
Symbol
Min
Max
Unit
SC Delay
tSC
50
ns
Conversion Time
tC
6.3
µs
Conversion Rate
1
tCR
7.8
µs
Convert Pulse Width
tCP
0.097
3.0
µs
Aperture Delay
tAD
520
ns
Status Delay
tSD
0
400
ns
Access Time
2, 3
tBA
10
100
ns
10
57
4
ns
Float Delay
5
tFD
10
80
ns
Output Delay
tOD
0ns
Format Setup
tFS
100
ns
OE Delay
tOE
20
ns
Read Pulse Width
tRP
195
ns
Conversion Delay
tCD
400
ns
EOCEN Delay
tEO
50
ns
NOTES
1Includes acquisition time.
2Measured from the falling edge of
OE/EOCEN (0.8 V) to the time at which the
data lines/EOC cross 2.0 V or 0.8 V. See Figure 4.
3C
OUT = 100 pF.
4C
OUT = 50 pF.
5Measured from the rising edge of
OE/EOCEN (2.0 V) to the time at which the output voltage changes by 0.5. See Figure 4; C
OUT
= 10 pF.
Specifications subject to change without notice.
(All device types TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10%)
NOTES
1IN ASYNCHRONOUS MODE, STATE OF
CS DOES NOT AFFECT OPERATION.
SEE THE START CONVERSION TRUTH TABLE FOR DETAILS.
2
EOCEN = LOW (SEE FIGURE 3). IN SYNCHRONOUS MODE, EOC IS A THREE-
STATE OUTPUT. IN ASYNCHRONOUS MODE, EOC IS AN OPEN DRAIN OUTPUT.
3DATA SHOULD NOT BE ENABLED DURING A CONVERSION.
Figure 1. Conversion Timing
Figure 2. Output Timing
NOTE
1EOC IS A THREE-STATE OUTPUT IN SYNCHRONOUS MODE
AND AN OPEN DRAIN OUTPUT IN ASYNCHRONOUS. ACCESS (tBA)
AND FLOAT (tFD) TIMING SPECIFICATIONS DO NOT APPLY IN
ASYNCHRONOUS MODE WHERE THEY ARE A FUNCTION OF THE
TIME CONSTANT FORMED BY THE 10pF OUTPUT CAPACITANCE
AND THE PULL-UP RESISTOR.
Figure 3. EOC Timing
TEST
VCP
COUT
ACCESS TIME HIGH Z TO LOGIC LOW 5V
100pF
FLOAT TIME LOGIC HIGH TO HIGH Z
0V
10pF
ACCESS TIME HIGH Z TO LOGIC HIGH
0V
100pF
FLOAT TIME LOGIC LOW TO HIGH Z
5V
10pF
IOL
IOH
DOUT
VCP
COUT
Figure 4. Load Circuit for Bus Timing Specifications
TIMING SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com