Electronic Components Datasheet Search
  English  ▼

X  

AD679JNZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD679JNZ
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679JNZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD679JNZ Datasheet HTML 2Page - Analog Devices AD679JNZ Datasheet HTML 3Page - Analog Devices AD679JNZ Datasheet HTML 4Page - Analog Devices AD679JNZ Datasheet HTML 5Page - Analog Devices AD679JNZ Datasheet HTML 6Page - Analog Devices AD679JNZ Datasheet HTML 7Page - Analog Devices AD679JNZ Datasheet HTML 8Page - Analog Devices AD679JNZ Datasheet HTML 9Page - Analog Devices AD679JNZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD679
REV. D
–6–
PIN FUNCTION DESCRIPTIONS
28-Lead
44-Lead
DIP
JLCC
Mnemonic Pin No.
Pin No.
Type
Name and Function
AGND
7
11
P
Analog Ground. This is the ground return for AIN only.
AIN
6
10
AI
Analog Signal Input.
BIPOFF
10
15
AI
Bipolar Offset. Connect to AGND for +10 V input unipolar mode and straight
binary output coding. Connect to REFOUT for
5 V input bipolar mode and
twos complement binary output coding.
CS
46
DI
Chip Select. Active LOW.
DGND
12, 14
23
P
Digital Ground.
DB7–DB0
26–19
40, 39, 37, 36,
DO
Data Bits. These pins provide all 14 bits in two bytes (8 + 6 bits). Active HIGH.
35, 34, 33, 31
EOC
27
42
DO
End-of-Convert. EOC goes LOW when a conversion starts and goes HIGH
when the conversion finishes. In asynchronous mode, EOC is an open-drain
output and requires an external 3 k
Ω pull-up resistor. See EOCEN and SYNC
pins for information on EOC gating.
EOCEN
11
DI
End-of-Convert Enable. Enables EOC pin. Active LOW.
HBE
15
25
DI
High Byte Enable. If LOW, output contains high byte. If HIGH, output
contains low byte (corresponding to the most recently read high byte).
OE
23
DI
Output Enable. A down-going transition on
OE enables DB7 to DB0. Gated
with
CS. Active LOW.
REFIN
914AIReference Input. 5 V input gives 10 V full-scale range.
REFOUT
812AO5 V Reference Output. Tied to REFIN for normal operation.
SC
35
DI
Start Convert. Active LOW. See SYNC pin for gating.
SYNC
13
21
DI
SYNC Control. If tied to VDD (synchronous mode), SC and EOCEN are gated
by
CS. If tied to DGND (asynchronous mode), SC and EOCEN are indepen-
dent of
CS, and EOC is an open-drain output. EOC requires an external 3 k
Ω
pull-up resistor in asynchronous mode.
VCC
11
17
P
12 V Analog Power.
VEE
58
P
–12 V Analog Power.
VDD
28
43
P
5 V Digital Power.
—16U
Tie to DGND.
—
17–18
2, 4, 7, 9, 13,
U
These pins are unused and should be connected to DGND or VDD.
16, 18, 19, 20,
22, 24, 26, 27,
28, 29, 30, 32,
38, 41, 44
Type: AI = Analog Input. AO = Analog Output. DI = Digital Input (TTL and 5 V CMOS compatible). DO = Digital Output (TTL and 5 V CMOS compatible).
All DO pins are three-state drivers. P = Power. U = Unused.
DIP Package
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD679
DGND
SYNC
DGND
VCC
BIPOFF
REFIN
REFOUT
EOCEN
OE
SC
CS
AGND
AIN
VEE
HBE
DGND
DGND
DGND
DB0
DB1
DB2
VDD
EOC
DB7
DB6
DB3
DB4
DB5
PIN CONFIGURATIONS
JLCC Package
NC
AGND
REFOUT
NC
REFIN
BIPOFF
NC
VEE
AIN
NC
VCC
18 19 20 21 22 23 24 25 26 27 28
7
7
11
10
9
8
12
16
15
14
13
17
39
35
36
37
38
34
30
31
32
33
29
DB6
NC
DB5
DB4
DB3
DB2
DB1
NC
DB0
NC
NC
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD679
65
4
3
21
44 43 42 41 40
NC = NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com