Electronic Components Datasheet Search
  English  ▼

X  

AD679JNZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD679JNZ
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679JNZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD679JNZ Datasheet HTML 4Page - Analog Devices AD679JNZ Datasheet HTML 5Page - Analog Devices AD679JNZ Datasheet HTML 6Page - Analog Devices AD679JNZ Datasheet HTML 7Page - Analog Devices AD679JNZ Datasheet HTML 8Page - Analog Devices AD679JNZ Datasheet HTML 9Page - Analog Devices AD679JNZ Datasheet HTML 10Page - Analog Devices AD679JNZ Datasheet HTML 11Page - Analog Devices AD679JNZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD679
REV. D
–8–
INPUT FREQUENCY (Hz)
TPC 1. Harmonic Distortion vs. Input Frequency
(–0.5 dB Input)
INPUT FREQUENCY (Hz)
TPC 2. Total Harmonic Distortion vs. Input
Frequency and Amplitude
INPUT FREQUENCY (Hz)
TPC 3. S/(N+D) vs. Input Frequency and Amplitude
–Typical Performance Characteristics
FREQUENCY (kHz)
TPC 4. 5-Plot Averaged 2048 Point FFT at 128 kSPS,
fIN = 10.009 kHz
FREQUENCY (kHz)
TPC 5. Nonaveraged IMD Plot for fIN = 9.08 kHz (fa),
9.58 kHz (fb) at 128 kSPS
RIPPLE FREQUENCY (kHz)
TPC 6. Power Supply Rejection (fIN = 10 kHz, fSAMPLE =
128 kSPS, VRIPPLE = 0.1 V p-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com