Electronic Components Datasheet Search
  English  ▼

X  

AD8522ARZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8522ARZ
Description  5 Volt, Serial Input, Dual 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8522ARZ Datasheet(HTML) 7 Page - Analog Devices

  AD8522ARZ Datasheet HTML 1Page - Analog Devices AD8522ARZ Datasheet HTML 2Page - Analog Devices AD8522ARZ Datasheet HTML 3Page - Analog Devices AD8522ARZ Datasheet HTML 4Page - Analog Devices AD8522ARZ Datasheet HTML 5Page - Analog Devices AD8522ARZ Datasheet HTML 6Page - Analog Devices AD8522ARZ Datasheet HTML 7Page - Analog Devices AD8522ARZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD8522
REV. A
–7–
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
FREQUENCY – Hz
VDD = +5V ± 200mVAC
TA = +25°C
DATA = FFFH
#299, DAC A
VINH = +5V
VINL = 0V
Figure 12. Power Supply Rejection
vs. Frequency
40
35
30
25
20
15
10
5
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
TOTAL UNADJUSTED ERROR – mV
TUE =
∑ (INL+ZS+FS)
SSZ = 300 UNITS
VDD = +4.5V
TA = +25°C
Figure 15. Total Unadjusted Error
Histogram
100
10
1.0
0.1
10
100
100k
10k
1k
FREQUENCY – Hz
VDD = +5V
DATA = FFFH
TA = +25°C
Figure 18. Output Voltage Noise
Density vs. Frequency
VOUT
100mV/
DIV
LD
TIME – 500ns/DIV
100
90
10
0%
5V
100mV
500ns
TA = +25°C
VDD = +5V
204810 TO 204710
Figure 13. Midscale Transition
Performance
4.11
4.105
4.1
4.095
4.09
4.085
4.08
4.075
–55 –35 –15
5
25
45
65
85
105 125
TEMPERATURE –
°C
AVG +1
σ
AVG
AVG –1
σ
VDD = +4.5V
NO LOAD
SSZ = 300 UNITS
Figure 16. Full-Scale Voltage vs.
Temperature
4.095
4.094
4.093
4.092
4.091
4.090
4.089
4.088
4.087
4.086
4.085
4.084
4.096
0
100
200
300
400
500
600
HOURS OF OPERATION AT +150
°C
AVG +1
σ
AVG
AVG –1
σ
VDD = +4.5V
SSZ = 135 UNITS
DATA = FFFH
Figure 19. Long Term Drift Acceler-
ated by Burn-In
5V
0V
4V
0V
–SR
+SR
TIME – 20µs/DIV
100
90
10
0%
VOUT
RS
TA = +25°C
VDD = +5V
Figure 14. Large Signal Settling Time
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
–55 –35 –15
5
25
45
65
85
105 125
TEMPERATURE –
°C
AVG +1
σ
AVG
AVG –1
σ
VDD = +4.5V
NO LOAD
SSZ = 300 UNITS
Figure 17. Zero-Scale Voltage vs.
Temperature
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4.0
–55 –35 –15
5
25
65
125
45
85
105
TEMPERATURE –
°C
VDD = +5.5V
VIN = +2.4V
NO LOAD
VDD = +5V
VDD = +4.5V
Figure 20. Supply Current vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com