Electronic Components Datasheet Search
  English  ▼

X  

AD8522ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8522ARZ
Description  5 Volt, Serial Input, Dual 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8522ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD8522ARZ Datasheet HTML 1Page - Analog Devices AD8522ARZ Datasheet HTML 2Page - Analog Devices AD8522ARZ Datasheet HTML 3Page - Analog Devices AD8522ARZ Datasheet HTML 4Page - Analog Devices AD8522ARZ Datasheet HTML 5Page - Analog Devices AD8522ARZ Datasheet HTML 6Page - Analog Devices AD8522ARZ Datasheet HTML 7Page - Analog Devices AD8522ARZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD8522
REV. A
–3–
SERIAL INPUT REGISTER DATA FORMAT
Last
First
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
NC
A
B
Sf/Hd
Table I. Truth Table
Data Word
Ext Pins
Sf/Hd
BA
LDA
LDB
DAC Register
Hardware Load:
LX
X
↓↓
Loads DACA + DACB with Data from SR
LX
X
↓
H
Loads DACA with Data from SR
L
XXH
↓
Loads DACB with Data from SR
L
X
X
H
H
No Load
Software Decode Load:
H
L
L
X
X
No Load
HH
L
↓↓
Loads DACB with Data from SR, See Note 1 Below
H
H
L
H
H
No Load
HL
H
↓↓
Loads DACA with Data from SR, See Note 1 Below
H
L
H
H
H
No Load
HH
H
↓↓
Loads DACA + DACB with Data from SR, See 1 Note Below
H
H
H
H
H
No Load
NOTES
1In software mode LDA and LDB perform the same function. They can be tied together or the unused pin should be tied high.
2External Pins LDA and LDB should always be high when shifting Data into the shift register.
3
↓ symbol denotes negative transition.
200µA
1.6 VOLT
SDO
1.6mA
Figure 3. AC Timing SDO Pin Load Circuit
A
B
LD
CS
CLK
SDI
t
CSS
t
LD1
t
LD2
t
CSH
t
CL
t
DS
t
DH
SDI
CLK
LD
RS
t
LDW
t
CLRW
FS
ZS
t
S
±1 LSB
ERROR BAND
t
S
t
LD2
DB11
DB10
Sf/Hd
DB4
DB3
DB2
DB1
DB0
NC
VOUT
t
LDW
t
CH
SDO
t
PD
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com