Electronic Components Datasheet Search
  English  ▼

X  

AD8522ARZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8522ARZ
Description  5 Volt, Serial Input, Dual 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8522ARZ Datasheet(HTML) 2 Page - Analog Devices

  AD8522ARZ Datasheet HTML 1Page - Analog Devices AD8522ARZ Datasheet HTML 2Page - Analog Devices AD8522ARZ Datasheet HTML 3Page - Analog Devices AD8522ARZ Datasheet HTML 4Page - Analog Devices AD8522ARZ Datasheet HTML 5Page - Analog Devices AD8522ARZ Datasheet HTML 6Page - Analog Devices AD8522ARZ Datasheet HTML 7Page - Analog Devices AD8522ARZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD8522–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Units
STATIC PERFORMANCE
Resolution
1
N
12
Bits
Relative Accuracy
INL
-1.5
±0.5
+1.5
LSB
Differential Nonlinearity
DNL
Monotonic
-1
±0.5
+1
LSB
Zero-Scale Error
VZSE
Data = 000H
+0.5
+3
mV
Full-Scale Voltage
2
VFS
Data = FFFH
4.079
4.095
4.111
Volts
Full-Scale Tempco2, 3
TCVFS
±15
ppm/
°C
MATCHING PERFORMANCE
Linearity Matching Error
∆V
FSA/B
±1
LSB
ANALOG OUTPUT
Output Current
IOUT
Data = 800H,
∆V
OUT
≤ 3 LSB
±5mA
Load Regulation at Half-Scale
LDREG
RL = 402
Ω to ∞, Data = 800
H
1
3
LSB
Capacitive Load
3
CL
No Oscillation
500
pF
REFERENCE OUTPUT
Output Voltage
VREF
2.484
2.500
2.516
V
Output Source Current4
IREF
∆V
REF < 18 mV
5
mA
Line Rejection
LNREJ
0.025
0.08
%/V
Load Regulation
LDREG
IREF = 0 to 5 mA, Data = 800H
0.025
0.1
%/mA
LOGIC INPUTS & OUTPUTS
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Input Leakage Current
IIL
10
µA
Input Capacitance
3
CIL
10
pF
Logic Output Voltage Low
VOL
IOL = 1.6 mA
0.4
V
Logic Output Voltage High
VOH
IOH = 400
µA
3.5
V
TIMING SPECIFICATIONS
3, 5
Clock Width High
tCH
35
ns
Clock Width Low
tCL
35
ns
Load Pulse Width
tLDW
25
ns
Data Setup
tDS
10
ns
Data Hold
tDH
20
ns
Clear Pulse Width
tCLRW
20
ns
Load Setup
tLD1
10
ns
Load Hold
tLD2
10
ns
Select
tCSS
30
ns
Deselect
tCSH
30
ns
Clock to SDO Propagation Delay
tPD
20
45
80
ns
AC CHARACTERISTICS
3, 5
Voltage Output Settling Time
6
tS
To
±1 LSB of Final Value
16
µs
Crosstalk
CT
Signal Measured at DAC Output,
While Changing Opposite LDA/B
38
dB
DAC Glitch
Q
Half-Scale Transition
13
nV s
Digital Feedthrough
DFT
Signal Measured at DAC Output,
While Changing Data Without LDA/B
2
nV s
SUPPLY CHARACTERISTICS
Positive Supply Current
IDD
VDD = 5.5 V, VIH = 2.4 V or VIL = 0.8 V
3
5
mA
VDD = 5 V, VIL = 0 V
1
2
mA
Power Dissipation
7
PDISS
VDD = 5 V, VIH = 2.4 V or VIL = 0.8 V
15
25
mW
VDD = 5 V, VIL = 0 V
5
10
mW
Power Supply Sensitivity
PSS
∆V
DD =
±5%
0.002
0.004
%/%
NOTES
11 LSB = 1 mV for 0 V to +4.095 V output range.
2Includes internal voltage reference error.
3These parameters are guaranteed by design and not subject to production testing.
4Very little sink current is available at the V
REF pin. Use external buffer if setting up a virtual ground.
5All input control signals are specified with t
r = tf = 5 ns (10% to 90% of +5 V) and timed from a voltage level of 1.6 V.
6The settling time specification does not apply for negative going transitions within the last 6 LSBs of ground. Some devices exhibit double the typical settling time in this 6 LSB region.
7Power Dissipation is calculated I
DD × 5 V.
Specifications subject to change without notice.
(@ VDD = +5.0 V
10%, RL = No Load, –40 C
≤ T
A
≤ +85 C, both DACs tested, unless
otherwise noted)
REV. A
–2–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com