Electronic Components Datasheet Search
  English  ▼

X  

MRF136 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF136
Description  N-CHANNEL MOS BROADBAND RF POWER FETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF136 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF136 Datasheet HTML 1Page - Motorola, Inc MRF136 Datasheet HTML 2Page - Motorola, Inc MRF136 Datasheet HTML 3Page - Motorola, Inc MRF136 Datasheet HTML 4Page - Motorola, Inc MRF136 Datasheet HTML 5Page - Motorola, Inc MRF136 Datasheet HTML 6Page - Motorola, Inc MRF136 Datasheet HTML 7Page - Motorola, Inc MRF136 Datasheet HTML 8Page - Motorola, Inc MRF136 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MRF136 MRF136Y
4
MOTOROLA RF DEVICE DATA
400
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Input Power
Figure 5. Output Power versus Input Power
Figure 6. Output Power versus Supply Voltage
Figure 7. Output Power versus Supply Voltage
Figure 8. Output Power versus Supply Voltage
20
20
18
16
14
12
10
8
6
4
2
0
0
200
600
800
1000
f = 100 MHz
f = 400 MHz
IDQ = 25 mA
150 MHz
200 MHz
f = 100 MHz
VDD = 13.5 V
IDQ = 25 mA
Pin, INPUT POWER (MILLWATTS)
20
18
16
14
12
10
8
6
4
2
0
0
1
2
3
4
Pin, INPUT POWER (WATTS)
10
9
8
7
6
5
4
3
2
1
0
0
200
400
600
800
1000
Pin, INPUT POWER (MILLWATTS)
200 MHz
150 MHz
24
21
18
15
12
9
6
3
0
12
16
20
24
28
VDD, SUPPLY VOLTAGE (VOLTS)
14
18
22
26
400 mW
200 mW
0.7 W
VDD = 28 V
VDD = 13.5 V
IDQ = 25 mA
f = 100 MHz
Pin = 600 mW
12
16
20
24
28
VDD, SUPPLY VOLTAGE (VOLTS)
14
18
22
26
600 mW
300 mW
IDQ = 25 mA
f = 150 MHz
Pin = 900 mW
24
21
18
15
12
9
6
3
0
12
16
20
24
28
VDD, SUPPLY VOLTAGE (VOLTS)
14
18
22
26
0.4 W
Pin = 1 W
IDQ = 25 mA
f = 200 MHz
VDD = 28 V
IDQ = 25 mA
24
21
18
15
12
9
6
3
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com