Electronic Components Datasheet Search
  English  ▼

X  

MRF136 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF136
Description  N-CHANNEL MOS BROADBAND RF POWER FETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF136 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF136 Datasheet HTML 1Page - Motorola, Inc MRF136 Datasheet HTML 2Page - Motorola, Inc MRF136 Datasheet HTML 3Page - Motorola, Inc MRF136 Datasheet HTML 4Page - Motorola, Inc MRF136 Datasheet HTML 5Page - Motorola, Inc MRF136 Datasheet HTML 6Page - Motorola, Inc MRF136 Datasheet HTML 7Page - Motorola, Inc MRF136 Datasheet HTML 8Page - Motorola, Inc MRF136 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MRF136 MRF136Y
MOTOROLA RF DEVICE DATA
Figure 1. 150 MHz Test Circuit (MRF136)
Figure 2. 30 – 150 MHz Test Circuit (MRF136Y)
C1, C2 — Arco 406, 15 – 115 pF or Equivalent
C3 — Arco 404, 8 – 60 pF or Equivalent
C4 — 43 pF Mini–Unelco or Equivalent
C5 — 24 pF Mini–Unelco or Equivalent
C6 — 680 pF, 100 Mils Chip
C7 — 0.01
µF Ceramic
C8 — 100
µF, 40 V
C9 — 0.1
µF Ceramic
C10, C11 — 680 pF Feedthru
D1 — 1N5925A Motorola Zener
L1 — 2 Turns, 0.29
″ ID, #18 AWG, 0.10″ Long
L2 — 2 Turns, 0.23
″ ID, #18 AWG, 0.10″ Long
L3 — 2–1/4 Turns, 0.29
″ ID, #18 AWG, 0.125″ Long
RFC1 — 20 Turns, 0.30
″ ID, #20 AWG Enamel Closewound
RFC2 — Ferroxcube VK–200 — 19/4B
R1 — 27
Ω, 1 W Thin Film
R2 — 10 k
Ω, 1/4 W
R3 — 10 Turns, 10 k
Ω
R4 — 1.8 k
Ω, 1/2 W
Board Material — 0.062
″ G10, 1 oz. Cu Clad, Double Sided
C1 — 5.0 pF
C2, C3, C4, C6, C7, C9, C11 — 0.1
µF Ceramic
C5, C8 — 680 pF Feedthru
C10 — 15 pF
D1 — 1N4740 Motorola Zener
RFC1 — 17 Turns, #24 AWG Wound on R5
RFC2 — Ferroxcube VK–200–19/4B or Equivalent
R1 — 10 k
Ω, 1/4 W
R2, R3 — 560
Ω, 1/2 W
R4 — 10 Turns, 10 k
Ω
R5 — 56 k
Ω, 1 W
R6 — 1.6 k
Ω, 1/4 W
T1 — Primary Winding — 3 Turns #28 Enameled Wire.
T1 — Secondary Winding — 2 Turns #28 Enameled Wire.
T1 — Both windings wound through a Fair/Rite Balun 65 core.
T1 — Part #2865002402.
T2 — 1:1 Transformer Wound Bifilar — 2 Turns Twisted Pair
T1 — #24 Enameled Wire through a Indiana General Balun Q1
T1 — core. Part #18006–1–Q1. Primary winding center tapped.
Board Material — 0.062
″ G10, 1 oz. Cu Clad, Double Sided
R4
C10
D1
C8
+
RFC1
C7
C1
L1
R2
R1
C9
C4
C3
C2
RF INPUT
L2
RFC2
L3
DUT
–
RF OUTPUT
C6
C5
C11
VDD = + 28 V
RF OUTPUT
VDD = + 28 V
RFC2
C8
C5
C7
R4
D1
C11
RFC1
R6
R5
R2
C3
R3
C6
C10
C9
C4
DUT
R3
C1
R1
C2
D
T2
T1
S
D
G
G
B
A
BIAS
ADJUST
BIAS
ADJUST
RF INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com