Electronic Components Datasheet Search
  English  ▼

X  

MRF136 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MRF136
Description  N-CHANNEL MOS BROADBAND RF POWER FETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF136 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MRF136 Datasheet HTML 4Page - Motorola, Inc MRF136 Datasheet HTML 5Page - Motorola, Inc MRF136 Datasheet HTML 6Page - Motorola, Inc MRF136 Datasheet HTML 7Page - Motorola, Inc MRF136 Datasheet HTML 8Page - Motorola, Inc MRF136 Datasheet HTML 9Page - Motorola, Inc MRF136 Datasheet HTML 10Page - Motorola, Inc MRF136 Datasheet HTML 11Page - Motorola, Inc MRF136 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
MRF136 MRF136Y
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 211–07
ISSUE N
MRF136
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
A
U
M
M
Q
R
B
1
4
3
2
D
K
E
SEATING
PLANE
C
J
H
S
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.960
0.990
24.39
25.14
B
0.370
0.390
9.40
9.90
C
0.229
0.281
5.82
7.13
D
0.215
0.235
5.47
5.96
E
0.085
0.105
2.16
2.66
H
0.150
0.108
3.81
4.57
J
0.004
0.006
0.11
0.15
K
0.395
0.405
10.04
10.28
M
40
50
40
50
Q
0.113
0.130
2.88
3.30
R
0.245
0.255
6.23
6.47
S
0.790
0.810
20.07
20.57
U
0.720
0.730
18.29
18.54
_
_
_
_
STYLE 2:
PIN 1. SOURCE
2. GATE
3. SOURCE
4. DRAIN
CASE 319B–02
ISSUE C
MRF136Y
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. GATE (INPUT)
2. GATE (INPUT)
3. DRAIN (OUTPUT)
4. DRAIN (OUTPUT)
SOURCE IS FLANGE
IDENTIFICATION
NOTCH
4
3
1
2
–A–
L
K
D
F 4 PL
Q 2 PL
–N–
H
J
B
E
C
SEATING
PLANE
–T–
M
A
M
0.15 (0.006)
N M
T
M
A
M
0.38 (0.015)
N M
T
M
A
M
0.38 (0.015)
N M
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.965
0.985
24.51
25.02
B
0.355
0.375
9.02
9.52
C
0.230
0.260
5.84
6.60
D
0.055
0.065
1.40
1.65
E
0.102
0.114
2.59
2.90
F
0.055
0.065
1.40
1.65
H
0.160
0.170
4.06
4.31
J
0.004
0.006
0.10
0.15
K
0.120
0.140
3.05
3.55
L
0.725 BSC
18.42 BSC
N
0.225
0.241
5.72
6.12
Q
0.125
0.135
3.18
3.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com