Electronic Components Datasheet Search
  English  ▼

X  

DRV201AYMBRB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201AYMBRB
Description  VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV201AYMBRB Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV201AYMBRB Datasheet HTML 10Page - Texas Instruments DRV201AYMBRB Datasheet HTML 11Page - Texas Instruments DRV201AYMBRB Datasheet HTML 12Page - Texas Instruments DRV201AYMBRB Datasheet HTML 13Page - Texas Instruments DRV201AYMBRB Datasheet HTML 14Page - Texas Instruments DRV201AYMBRB Datasheet HTML 15Page - Texas Instruments DRV201AYMBRB Datasheet HTML 16Page - Texas Instruments DRV201AYMBRB Datasheet HTML 17Page - Texas Instruments DRV201AYMBRB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
DRV201A ADDRESS
0
0
0
1
1
1
0
1
DATA
CURRENT REGISTER NUMBER K
REGISTER NUMBER K+1
K+2
DATA
DATA
L bytes of DATA
REGISTER NUMBER K+L-1
K+L
DRV201A ADDRESS
0
0
0
1
1
1
0
0
REGISTER NUMBER
M
DATA
CURRENT REGISTER NUMBER K
REGISTER NUMBER M
DATA
REGISTER NUMBER M+1
M+2
DATA
REGISTER NUMBER M+L-1
M+L
L bytes of DATA
DRV201A ADDRESS
0
0
0
1
1
1
0
1
DATA
REGISTER NUMBER M
REGISTER NUMBER M+1
K+2
DATA
DATA
L bytes of DATA
REGISTER NUMBER M+L-1
M+L
DRV201A ADDRESS
0
0
0
1
1
1
0
0
REGISTER NUMBER
M
CURRENT REGISTER NUMBER K
0
0
0
1
1
1
0
1
DATA
0
0
0
1
1
1
0
1
DATA
CURRENT REGISTER NUMBER K
REGISTER NUMBER K+1
K+2
DRV201A ADDRESS
DRV201A ADDRESS
DRV201A
SLVSBN6 – JUNE 2013
www.ti.com
Figure 9. Single Read from the Current Location
Sequential Read and Write
Sequential read and write allows simple and fast access to DRV201A registers. Figure 10 shows sequential read
from a defined location. If the master doesn’t issue a stop condition after giving ACK, DRV201A auto increments
the register number and writes the data from the next register.
Figure 10. Sequential Read from a Defined Location
Figure 11 shows the sequential write. If the master doesn’t issue a stop condition after giving ACK, DRV201A
auto increments it’s register by one and the master can write to the next register.
Figure 11. Sequential Write
If read is started without writing the register value first, DRV201A writes out data from the current location. If the
master doesn’t issue a stop condition after giving ACK, DRV201A auto increments the I2C register and writes out
the data. This continues until the master issues a stop condition. This is shown in Figure 12.
Figure 12. Sequential Read Starting from a Current Location
I
2C Device Address, Start and Stop Condition
Data transmission is initiated with a start bit from the controller as shown in Figure 13. The start condition is
recognized when the SDA line transitions from high to low during the high portion of the SCL signal. Upon
reception of a start bit, the device will receive serial data on the SDA input and check for valid address and
control information. SDA data is latched by DRV201A on the rising edge of the SCL line. If the appropriate device
address bits are set for the device, DRV201A issues the ACK by pulling the SDA line low on the next falling edge
after 8th bit is latched. SDA is kept low until the next falling edge of the SCL line.
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com