Electronic Components Datasheet Search
  English  ▼

X  

DRV201AYMBRB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201AYMBRB
Description  VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV201AYMBRB Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV201AYMBRB Datasheet HTML 12Page - Texas Instruments DRV201AYMBRB Datasheet HTML 13Page - Texas Instruments DRV201AYMBRB Datasheet HTML 14Page - Texas Instruments DRV201AYMBRB Datasheet HTML 15Page - Texas Instruments DRV201AYMBRB Datasheet HTML 16Page - Texas Instruments DRV201AYMBRB Datasheet HTML 17Page - Texas Instruments DRV201AYMBRB Datasheet HTML 18Page - Texas Instruments DRV201AYMBRB Datasheet HTML 19Page - Texas Instruments DRV201AYMBRB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
DRV201A
SLVSBN6 – JUNE 2013
www.ti.com
DATA TRANSMISSION TIMING
VBAT = 3.6 V ±5%, TA = 25ºC, CL = 100 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(SCL)
Serial clock frequency
100
400
KHz
SCL = 100 KHz
4.7
tBUF
Bus Free Time Between Stop and Start Condition
µs
SCL = 400 KHz
1.3
SCL = 100 KHz
50
tSP
Tolerable spike width on bus
ns
SCL = 400 KHz
SCL = 100 KHz
4.7
tLOW
SCL low time
µs
SCL = 400 KHz
1.3
SCL = 100 KHz
4
µs
tHIGH
SCL high time
SCL = 400 KHz
600
ns
SCL = 100 KHz
250
tS(DAT)
SDA
→ SCL setup time
ns
SCL = 400 KHz
100
SCL = 100 KHz
4.7
µs
tS(STA)
Start condition setup time
SCL = 400 KHz
600
ns
SCL = 100 KHz
4
µs
tS(STO)
Stop condition setup time
SCL = 400 KHz
600
ns
SCL = 100 KHz
0
3.45
tH(DAT)
SDA
→ SCL hold time
µs
SCL = 400 KHz
0
0.9
SCL = 100 KHz
4
µs
tH(STA)
Start condition hold time
SCL = 400 KHz
600
ns
SCL = 100 KHz
1000
tr(SCL)
Rise time of SCL Signal
ns
SCL = 400 KHz
300
SCL = 100 KHz
300
tf(SCL)
Fall time of SCL Signal
ns
SCL = 400 KHz
300
SCL = 100 KHz
1000
tr(SDA)
Rise time of SDA Signal
ns
SCL = 400 KHz
300
SCL = 100 KHz
300
tf(SDA)
Rise time of SDA Signal
ns
SCL = 400 KHz
300
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com