Electronic Components Datasheet Search
  English  ▼

X  

DRV201AYMBRB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201AYMBRB
Description  VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV201AYMBRB Datasheet(HTML) 20 Page - Texas Instruments

Back Button DRV201AYMBRB Datasheet HTML 16Page - Texas Instruments DRV201AYMBRB Datasheet HTML 17Page - Texas Instruments DRV201AYMBRB Datasheet HTML 18Page - Texas Instruments DRV201AYMBRB Datasheet HTML 19Page - Texas Instruments DRV201AYMBRB Datasheet HTML 20Page - Texas Instruments DRV201AYMBRB Datasheet HTML 21Page - Texas Instruments DRV201AYMBRB Datasheet HTML 22Page - Texas Instruments DRV201AYMBRB Datasheet HTML 23Page - Texas Instruments DRV201AYMBRB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
DRV201A
SLVSBN6 – JUNE 2013
www.ti.com
YMB PACKAGE DIMENSIONS
DIMENSION
MIN
TYP
MAX
UNIT
Length
1.49
mm
Width
0.806
mm
Height(1)
0.278
0.289
0.3
mm
Ball pitch
0.39
0.4
0.41
mm
Ball height
4.8
6
7.2
µm
Coating thickness(2)
0.39
0.4
0.41
mm
(1)
Height tolerances valid for both coated and non-coated packages.
(2)
Coating thickness only applies to DRV201AYMBRB (coated) package option.
20
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com